Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XZ20360 Fiches technique(PDF) 7 Page - Seoul Semiconductor

No de pièce XZ20360
Description  Super high Flux output and high Luminance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

XZ20360 Fiches technique(HTML) 7 Page - Seoul Semiconductor

Back Button XZ20360 Datasheet HTML 3Page - Seoul Semiconductor XZ20360 Datasheet HTML 4Page - Seoul Semiconductor XZ20360 Datasheet HTML 5Page - Seoul Semiconductor XZ20360 Datasheet HTML 6Page - Seoul Semiconductor XZ20360 Datasheet HTML 7Page - Seoul Semiconductor XZ20360 Datasheet HTML 8Page - Seoul Semiconductor XZ20360 Datasheet HTML 9Page - Seoul Semiconductor XZ20360 Datasheet HTML 10Page - Seoul Semiconductor XZ20360 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Rev. 00
Rev. 00
October. 2009
October. 2009
www.ZLED.com
www.ZLED.com
7
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Pure White
2. Warm White
Color Spectrum, TA=25ºC
300
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Standard eye response curve
Wavelength (nm)
300
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength (nm)


Description similaire - XZ20360

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SAWW8X1A SEOUL-SAWW8X1A Datasheet
2Mb / 23P
   Super high Flux output and high Luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
   Super high flux output and high luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
   Super high Flux output and high Luminance
SZW05A0B SEOUL-SZW05A0B Datasheet
728Kb / 22P
   Super high Flux output and high Luminance
SSC-SZA05A0A SEOUL-SSC-SZA05A0A Datasheet
793Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com