Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M-949-01 Fiches technique(PDF) 2 Page - Clare, Inc.

No de pièce M-949-01
Description  Line Sense Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARE [Clare, Inc.]
Site Internet  http://www.clare.com
Logo CLARE - Clare, Inc.

M-949-01 Fiches technique(HTML) 2 Page - Clare, Inc.

  M-949-01 Datasheet HTML 1Page - Clare, Inc. M-949-01 Datasheet HTML 2Page - Clare, Inc. M-949-01 Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.clare.com
2
M-949-01
Rev. 1.0
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Specifications
Parameter
Conditions
Min
Max
Units
Notes
Dual Coils
Pick Up Current
0o to 70oC ambient
18
-
mA
1
Drop Out Current
0o to 70oC ambient
-
6
mA
1
Coil Current
20oC ambient
-
125
mA
2
Coil Resistance
-
-
20
ohms
-
Coil Inductance
-
-
4
mH
3
Longitudinal Balance
-
63
-
dB
4
Excitation to Closure Time
(Including Bounce)
-
-
1
ms
5
Excitation Removal to Open Time
-
-
0.5
ms
-
Relay Contact
Voltage Rating
-
200
-
VDC
-
Current Rating
-
500
-
mA
-
Power (Resistive) Rating
-
10
-
W
-
Rated Life
-
107
-
operations
6
Dielectric Strength
Open Contacts
-
300
-
VDC
-
Coil to Coil
-
1000
-
VDC
-
Coil to Contact
-
1500
-
VDC
-
Ambient
Operating
85% RH
0
70
ºC-
Temperature
Non-operating
95% RH
-20
70
ºC-
Notes:
1. With coils in series-aiding configuration.
2. With the current continuously applied.
3. At 1 kHz.
4. With current of 20-100mA at 200-3000 kHz.
5. With current of 20mA and coils series-aiding configuration.
6. At 10W (resistive.)
7. Maximum initial contact resistance
≤ 1.0ohms.
Absolute Maximum Ratings*
Tolerance
Inches
Metric
Min
Max
Min
Max
A
-
1.20
-
30.50
B
-
0.41
-
10.40
C
0.345
0.375
8.76
9.53
D
0.125
0.140
3.18
3.56
E
0.016 typ.
0.41 typ.
F
0.021
0.031
0.53
0.79
G
0.10 ref.
2.5 ref.
H
0.10 typ.
2.5 ref.
I
0.985
1.015
25.02
25.78


Numéro de pièce similaire - M-949-01

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
M-949-11 CLARE-M-949-11 Datasheet
94Kb / 3P
   Line Sense Relay
More results

Description similaire - M-949-01

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
M-949-11 CLARE-M-949-11 Datasheet
94Kb / 3P
   Line Sense Relay
logo
Synaptics Incorporated.
CX20562 CONEXANT-CX20562 Datasheet
375Kb / 2P
   Auxiliary line in input with jack sense
logo
List of Unclassifed Man...
HE751A0400 ETC1-HE751A0400 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
20-2121-30 ETC2-20-2121-30 Datasheet
482Kb / 4P
   SERIES 20 OPEN LINE RELAY
logo
Infineon Technologies A...
TDA16831-4 INFINEON-TDA16831-4 Datasheet
273Kb / 21P
   Off-line SMPS Controller with 600 V Sense CoolMOS on Board
1999-12-10
logo
Shenzhen SI Semiconduct...
SIC9601 SISEMIC-SIC9601 Datasheet
366Kb / 6P
   Primary Sensing AC-DC Off-line Controller with Base-Sense Technology
logo
Siemens Semiconductor G...
BR930 SIEMENS-BR930 Datasheet
831Kb / 3P
   A dc neutral, tractive armature, line relay
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com