Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM24V05 Fiches technique(PDF) 9 Page - Ramtron International Corporation

No de pièce FM24V05
Description  512Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24V05 Fiches technique(HTML) 9 Page - Ramtron International Corporation

Back Button FM24V05 Datasheet HTML 5Page - Ramtron International Corporation FM24V05 Datasheet HTML 6Page - Ramtron International Corporation FM24V05 Datasheet HTML 7Page - Ramtron International Corporation FM24V05 Datasheet HTML 8Page - Ramtron International Corporation FM24V05 Datasheet HTML 9Page - Ramtron International Corporation FM24V05 Datasheet HTML 10Page - Ramtron International Corporation FM24V05 Datasheet HTML 11Page - Ramtron International Corporation FM24V05 Datasheet HTML 12Page - Ramtron International Corporation FM24V05 Datasheet HTML 13Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
FM24V05 - 512Kb I2C FRAM
Rev. 1.1
Feb. 2009
Page 9 of 15
Device ID
The FM24V05 and FM24VN05 devices incorporate a
means of identifying the device by providing three
bytes of data, which are manufacturer, product ID,
and die revision. The Device ID is read-only. It can
be accessed as follows:
1. The master sends a START command.
2. The master sends Reserved Slave ID 0xF8
3. The master sends the I2C-bus slave address
of the slave device it needs to identify. The
last bit is a ‘Don’t care’ value (R/W bit).
Only one device must acknowledge this byte
(the one that has the I2C-bus slave address).
4. The master sends a Re-START command.
5. The master sends Reserved Slave ID 0xF9
6. The Device ID Read can be done, starting
with the 12 manufacturer bits, followed by
the 9 part identification bits, and then the 3
die revision bits.
7. The master ends the Device ID read
sequence by NACKing the last byte, thus
resetting the slave device state machine and
allowing the master to send the STOP
command.
Note: The reading of the Device ID can be stopped
anytime by sending a NACK command.
S
A
Data Byte
Data Byte
1
P
By Master
By FM24V05
Start
Address
Stop
No
Acknowledge
Data
S
A
Rsvd Slave ID (F8)
Slave Address
A
Start
Address
Acknowledge
Rsvd Slave ID (F9)
A
A
Data Byte
Acknowledge
Figure 13. Read Device ID
Manufacturer ID
Product ID
Die Rev.
11
10
9
8
7
6
5
4
3
2
1
0
8
7
6
5
4
3
2
1
0
2
1
0
Ramtron
Density
Variation
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
1
N
V
V
V
0
0
0
0
Figure 14. Manufacturer and Product ID
Density: 02h=256Kb, 03h=512Kb, 04=1Mb
Variation: Product ID bit 4 = S/N, Product ID bits 3-1 = VTP option, Product ID bit 0 = reserved
The 3-byte hex code for an FM24V05 will be:
0x00 0x43 0x00
The 3-byte hex code for an FM24VN05 will be:
0x00 0x43 0x80
The 3-byte hex code for an FM24VR05-G1 will be:
0x00 0x43 0x10
The 3-byte hex code for an FM24VR05-G2 will be:
0x00 0x43 0x20
The 3-byte hex code for an FM24VRN05-G1 will be:
0x00 0x43 0x90
The 3-byte hex code for an FM24VRN05-G2 will be:
0x00 0x43 0xA0


Numéro de pièce similaire - FM24V05

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V05-G RAMTRON-FM24V05-G Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05-G CYPRESS-FM24V05-G Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05-G CYPRESS-FM24V05-G Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
More results

Description similaire - FM24V05

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25V05 RAMTRON-FM25V05 Datasheet
334Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 RAMTRON-FM24V05_10 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05_13 Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com