Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWDM-1619-7D-47 Fiches technique(PDF) 3 Page - Finisar Corporation.

No de pièce FWDM-1619-7D-47
Description  WDM SFP Transceiver with APD Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1619-7D-47 Fiches technique(HTML) 3 Page - Finisar Corporation.

  FWDM-1619-7D-47 Datasheet HTML 1Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 2Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 3Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 4Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 5Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 6Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 7Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 8Page - Finisar Corporation. FWDM-1619-7D-47 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FWDM-1619-7D-xx SFP Product Specification May 2003
F i n i s a r
© Finisar Corporation May 2003 Rev.D
Page 3
VeeT
VeeT
VeeR
VeeR
TD-
TD+
RD+
RD-
VccT
VccR
VeeT
VeeR
TXFault
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
Rate Select
LOS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Towards
ASIC
Towards
Bezel
TX Disable
VeeR
Diagram of Host Board Connector Block Pin Numbers and Names
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.7
V
Storage Temperature
TS
-40
85
°C
Case Operating Temperature
TOP
0
70
°C
III.
Electrical Characteristics (TOP = 0 to 70 °C, VCC = 3.15 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.15
3.60
V
Supply Current
Icc
200
300
mA
Transmitter
Input differential impedance
Rin
100
1
Single ended data input swing
Vin,pp
250
1200
mV
Transmit Disable Voltage
VD
Vcc – 1.3
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
2
Transmit Disable Assert Time
10
us
Receiver
Single ended data output swing
Vout,pp
250
800
mV
3
Data output rise time
tr
100
175
ps
4
Data output fall time
tf
100
175
ps
4
LOS Fault
VLOS fault
Vcc – 0.5
VccHOST
V
5
LOS Normal
VLOS norm
Vee
Vee+0.5
V
5
Power Supply Rejection
PSR
100
mVpp
6
Notes:
1.
Connected directly to TX data input pins. AC coupled thereafter.
2.
Or open circuit.


Numéro de pièce similaire - FWDM-1619-7D-47

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-49 FINISAR-FWDM-1621-7D-49 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-51 FINISAR-FWDM-1621-7D-51 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-53 FINISAR-FWDM-1621-7D-53 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-55 FINISAR-FWDM-1621-7D-55 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Description similaire - FWDM-1619-7D-47

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTL-161947 FINISAR-FTL-161947 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
logo
Eudyna Devices Inc
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com