Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPI-8003TW Fiches technique(PDF) 4 Page - Sanken electric

No de pièce SPI-8003TW
Description  2-Output Step-down Switching Mode Regulator ICs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPI-8003TW Fiches technique(HTML) 4 Page - Sanken electric

  SPI-8003TW Datasheet HTML 1Page - Sanken electric SPI-8003TW Datasheet HTML 2Page - Sanken electric SPI-8003TW Datasheet HTML 3Page - Sanken electric SPI-8003TW Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
63
ICs
SPI-8001TW/SPI-8002TW/SPI-8003TW
■Typical Connection Diagram
VIN
GND
VC/E
VCC
3
VIN1
SWout1
R5
C4
C1
C6
+
24
SS1
6
11
DGND1
5
VIN2
15
SS2
DGND2
12
7
VREF1
13
SWout2
10
VREF2
R6
C5
C/E
AGND
Ch2
Ch1
14
1, 9
Di2
L2
IREF2
C3
V02
C8
+
GND
Di1
L1
IREF1
C2
R1
R2
R3
R4
V01
C7
+
SPI-8000TW
Diodes Di1, Di2
• Be sure to use Schottky-barrier diodes for Di1 and Di2.
If other diodes like fast recovery diodes are used, IC may be destroyed because of the reverse voltage generated by the recovery voltage or ON voltage.
Choke coils L1, L2
• If the winding resistance of the choke coil is too high, the efficiency may drop below the rated value.
• As the overcurrent protection starting current is about 2.0A, take care concerning heat radiation from the choke coil caused by magnetic saturation due to
overload or short-circuited load.
• Use a closed-magnetic-path coil to prevent interference between the channels SWout1 and SWout2.
Capacitors C1, C2, C3
• As large ripple currents flow through C1, C2 and C3, use high-frequency and low-impedance capacitors suitable for switching mode power supplies.
Especially when the impedance of C2 and C3 are high, the switching waveforms may become abnormal at low temperatures. For C2 and C3, do not use
capacitors with extremely low equivalent series resistance (ESR) such as OS capacitors or tantalum capacitors, which may cause abnormal oscillation.
Resistors R1, R2, R3, R4
• R1, R2, R3 and R4 are resistors for setting output voltages. Set the resistors so that IREF is approx. 1 mA. For example, R1 and R2 can be calculated as
shown below.
(VO1–VREF1)(VO1–V)
VREF1
1
R1=
IREF1
=
1×10–3
(Ω), R2=
IREF1
=
1×10–3
1(KΩ)
To create the optimum operating conditions, place the components as close as possible to each other.
C1
: 220 µF/50V
C2, C3
: 470 µF/25V
C4, C5
: 1 µF
C6, C7, C8 : 0.1 µF
Note 1: The efficiency depends on the input voltage and the output current. Therefore, obtain the value from the efficiency graph and substitute the percent-
age in the formula above.
Note 2: Thermal design for D1 must be considered separately.
■Ta-PD Characteristics
VO : Output Voltage
VIN : Input Voltage
IO : Output Current
ηχ : Efficiency (%)
VF :D1 Forward Voltage
SJPB-H6···0.45V (IO=1A)
PD = VO·IO
100
–1 – VF·IO 1–
VO
ηχ
VIN
–25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
025
50
75
100
125 135 150
Ambient Temperature Ta (°C)
69.2°C/W (0.84 cm
2)
52.3°C/W (3.34 cm
2)
42.6°C/W (8.64 cm
2)
35.8°C/W (30.8 cm
2)
(Copper Laminate Area)
θ j-a
38.2°C/W (15.6 cm
2)
=
.
.
VIN
GND
VC/F
VCC
3
VIN1
SWout1
R5
C5
C1
C4
C9
R7
+
24
SS1
6
12
DGND1
5
VIN2
16
SS2
DGND2
13
7
VREF1
14
SWout2
11
VREF2
R6
C6
C/E
AGND
CORC
RCSC
Ch2
Ch1
15
1, 9
10
Di2
L2
IREF2
C3
VC2
C8
+
GND
Di1
L1
IREF1
C2
R1
R2
R3
R4
VC1
C7
+
8
SPI-8003TW
R5, R6
: 1kΩ
L1, L2
: 47 µH
Di1, Di2
: SJPB-H6
(Sanken)
C1
: 220 µF/50V
C2, C3
: 470 µF/25V
C4
: 1 µF/50V
C5, C6
: 1 µF/10V
C7, C8
: 0.1 µF/50V
C9
: 100pF/10V
L1, L2
: 47 µH
R2, R4
: 1kΩ
R5, R6
: 1kΩ
Di1, Di2
: SJPB-H6 (Sanken)


Numéro de pièce similaire - SPI-8003TW

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SPI-8003TW SANKEN-SPI-8003TW Datasheet
117Kb / 4P
   2-Output, Step-down Switching Mode
SPI-8003TW SANKEN-SPI-8003TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
More results

Description similaire - SPI-8003TW

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-8100QL SANKEN-SI-8100QL Datasheet
436Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
SI-8000Y SANKEN-SI-8000Y Datasheet
59Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
SPI-8001TW SANKEN-SPI-8001TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
SPI-8001TW SANKEN-SPI-8001TW_11 Datasheet
117Kb / 4P
   2-Output, Step-down Switching Mode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SPI-8000A SANKEN-SPI-8000A Datasheet
440Kb / 3P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL Datasheet
456Kb / 4P
   Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com