Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-3010KM Fiches technique(PDF) 11 Page - Sanken electric

No de pièce SI-3010KM
Description  Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3010KM Fiches technique(HTML) 11 Page - Sanken electric

Back Button SI-3010KM Datasheet HTML 4Page - Sanken electric SI-3010KM Datasheet HTML 5Page - Sanken electric SI-3010KM Datasheet HTML 6Page - Sanken electric SI-3010KM Datasheet HTML 7Page - Sanken electric SI-3010KM Datasheet HTML 8Page - Sanken electric SI-3010KM Datasheet HTML 9Page - Sanken electric SI-3010KM Datasheet HTML 10Page - Sanken electric SI-3010KM Datasheet HTML 11Page - Sanken electric SI-3010KM Datasheet HTML 12Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
14
sSI-3090KM Typical Characteristics
(Ta=25
°C)
Dropout Voltage
Output Rise Characteristics
Line Regulation
Load Regulation
Overcurrent Protection Characteristics
Quiescent Circuit Current
Circuit Current
Output ON/OFF Control
Output ON/OFF Control Current
0.6
0.4
0.2
0
0.2
0.4
Output Current IO (A)
0.6
0.8
1
0
4
28
10
612
2
4
6
8
10
Input Voltage VIN (V)
IO=0 to 1A
0.2A step
Input Voltage VIN (V)
9.04
9.02
9.00
8.98
8.96
8.94
8.92
8
10
12
14
16
18
20
22
24
IO=0 to 1A
0.2A step
9.04
9.00
8.96
8.92
9.02
8.98
8.94
0
0.2
0.4
Output Current IO (A)
0.6
0.8
1
VIN=10V
11V
12V
15V
18V
20V
2
4
6
8
10
0
0.5
1.0
1.5
2.0
Output Current IO (A)
28V
25V
30V
VIN=10V
11V
12V
15V
20V
0
10
20
30
200
400
600
800
Input Voltage VIN (V)
IO=0A
VC=2V
0
510
15
20
80
60
40
20
Input Voltage VIN (V)
IO=1A
0.8A
0.4A
0.6A
0.2A
0A
2
4
6
8
10
01
2
3
4
VC Terminal Control Voltage VC (V)
VIN=11V
IO=0.01A
30
20
10
25
15
5
01
2
3
4
VC Terminal Control Voltage VC (V)
VIN=11V
Thermal Protection Characteristics
Overinput Voltage Protection Characteristics
0
40
80
120
160 180
2
4
6
8
10
Junction Temperature Tj (
°C)
VIN=11V
IO=0.01A
010
20
30
40
2
4
6
8
10
Input Voltage VIN (V)
VIN=11V
IO=0.01A
qSI-3000KM Series


Numéro de pièce similaire - SI-3010KM

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SI-3010KM ALLEGRO-SI-3010KM Datasheet
349Kb / 9P
    1 A, Low-Dropout, 1.0~16 V Regulator
SI-3010KM ALLEGRO-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results

Description similaire - SI-3010KM

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com