Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2501 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2501
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2501 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS2501 Datasheet HTML 6Page - Texas Instruments TPS2501 Datasheet HTML 7Page - Texas Instruments TPS2501 Datasheet HTML 8Page - Texas Instruments TPS2501 Datasheet HTML 9Page - Texas Instruments TPS2501 Datasheet HTML 10Page - Texas Instruments TPS2501 Datasheet HTML 11Page - Texas Instruments TPS2501 Datasheet HTML 12Page - Texas Instruments TPS2501 Datasheet HTML 13Page - Texas Instruments TPS2501 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TYPICAL CHARACTERISTICS
TJ − Junction Temperature − °C
0
20
40
60
80
100
120
140
160
180
−50
0
50
100
150
G003
NMOS
PMOS
PMOS + USB
USB
TJ − Junction Temperature − °C
5.05
5.06
5.07
5.08
5.09
5.10
5.11
5.12
5.13
5.14
5.15
−50
0
50
100
150
G004
VIN = 4.5 V
R(AUX) = Hi-Z
TJ − Junction Temperature − °C
249.0
249.5
250.0
250.5
251.0
251.5
252.0
252.5
253.0
−50
0
50
100
150
G006
VIN = 5 V
TJ − Junction Temperature − °C
990
992
994
996
998
1000
1002
1004
1006
1008
1010
−50
0
50
100
150
G005
VIN = 3.3 V
TPS2500, TPS2501
SLVS886A – OCTOBER 2008 – REVISED AUGUST 2009................................................................................................................................................ www.ti.com
Figure 5. MOSFET On-State Resistance vs Junction
Figure 6. VAUX vs Junction Temperature, IAUX = IUSB = 0 A
Temperature
Figure 7. Converter Switching Frequency vs Junction
Figure 8. Converter Switching Frequency vs Junction
Temperature, VIN = 3.3 V
Temperature, VIN = 5 V
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2500 TPS2501


Numéro de pièce similaire - TPS2501

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS2505B1RGWR TI-TPS2505B1RGWR Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS2505B1RGWR TI1-TPS2505B1RGWR Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
TPS2505BRGWR TI1-TPS2505BRGWR Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
More results

Description similaire - TPS2501

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
AAT1276 SKYWORKS-AAT1276 Datasheet
797Kb / 18P
   Boost Converter with USB Power Switch
logo
Advanced Analogic Techn...
AAT1275 ANALOGICTECH-AAT1275_08 Datasheet
632Kb / 19P
   Boost Converter with USB Power Switch
logo
Skyworks Solutions Inc.
AAT1275 SKYWORKS-AAT1275 Datasheet
1Mb / 19P
   Boost Converter with USB Power Switch
logo
Advanced Analogic Techn...
AAT1276 ANALOGICTECH-AAT1276 Datasheet
371Kb / 18P
   Boost Converter with USB Power Switch
AAT1275 ANALOGICTECH-AAT1275 Datasheet
477Kb / 19P
   Boost Converter with USB Power Switch
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Texas Instruments
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com