Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC5689IRGCR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC5689IRGCR
Description  16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC5689IRGCR Fiches technique(HTML) 2 Page - Texas Instruments

  DAC5689IRGCR Datasheet HTML 1Page - Texas Instruments DAC5689IRGCR Datasheet HTML 2Page - Texas Instruments DAC5689IRGCR Datasheet HTML 3Page - Texas Instruments DAC5689IRGCR Datasheet HTML 4Page - Texas Instruments DAC5689IRGCR Datasheet HTML 5Page - Texas Instruments DAC5689IRGCR Datasheet HTML 6Page - Texas Instruments DAC5689IRGCR Datasheet HTML 7Page - Texas Instruments DAC5689IRGCR Datasheet HTML 8Page - Texas Instruments DAC5689IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
FUNCTIONAL BLOCK DIAGRAM
InternalClockGeneration
CLK2
CLK2C
CLKVDD
DVDD
x2
x2
x2
x2
FIR1
AVDD
GND
RESETB
EXTIO
EXTLO
1.2 V
Reference
BIASJ
IOUTA1
IOUTA2
16-bDAC
2-8xFdata
FIR4
IOUTB1
IOUTB2
16-bDAC
FIR3
x
sin(x)
x
sin(x)
TXENABLE
DA[15:0]
DB[15:0]
CLKO_CLK1
CLK1C
QMC
B-Offset
QMC
A-Offset
B
gain
A
gain
SIFControl
SCLK
SDENB
SDO
SDIO
sin
32-bitNCO
cos
x2
x2
FIR2
2x – 8xInterpolation
SYNC
CLKOUT
IOVDD
67 taps
11 taps
19 taps
9 taps
VFUSE
PINOUT
DB6
DB7
DB8
DB9
DB10
DB11
DVDD
DB12
DB13
DB14
DB15
VFUSE
SDO
SDIO
SCLK
SDENB
DA8
DA9
DA10
DA11
DA12
DA13
DVDD
DA14
DA15
IOVDD
SYNC
TXENABLE
GND
CLK2C
CLK2
CLKVDD
DAC5689
RGCPackage
64QFN,9x9mm
(TopView)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
48
DAC5689
SLLS989 – SEPTEMBER 2009 .......................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5689


Numéro de pièce similaire - DAC5689IRGCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Description similaire - DAC5689IRGCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com