Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC5689IRGCR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC5689IRGCR
Description  16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC5689IRGCR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button DAC5689IRGCR Datasheet HTML 7Page - Texas Instruments DAC5689IRGCR Datasheet HTML 8Page - Texas Instruments DAC5689IRGCR Datasheet HTML 9Page - Texas Instruments DAC5689IRGCR Datasheet HTML 10Page - Texas Instruments DAC5689IRGCR Datasheet HTML 11Page - Texas Instruments DAC5689IRGCR Datasheet HTML 12Page - Texas Instruments DAC5689IRGCR Datasheet HTML 13Page - Texas Instruments DAC5689IRGCR Datasheet HTML 14Page - Texas Instruments DAC5689IRGCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
-90
-80
-70
-60
-50
-40
-30
-20
125
130
135
f-Frequency-MHz
140
150
-100
-110
-120
145
155
Fdata=92.16MSPS,IQ
F
=0MHz
IN
IF=140MHz
x8Interpolation,FMIX
CarrierPower:-11.85dBm,
ACLR(5MHz):74.22dB,
ACLR(10MHz):75.42dB
-90
-80
-70
-60
-50
-40
-30
-20
120
125
130
f-Frequency-MHz
135
145
-100
-110
-120
140
150
155
160
Fdata=92.16MSPS,IQ
x8Interpolation,FMIX
F =0MHz
IF=140MHz
IN
CarrierPower:-13.87dBm
ACLR(5MHz):70.59dBm
ACLR(10MHz):69.72dBm
DAC5689
www.ti.com .......................................................................................................................................................................................... SLLS989 – SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
Figure 13. WCDMA TM1:Two Carriers
Figure 14. WCDMA TM1:Four Carriers
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC5689


Numéro de pièce similaire - DAC5689IRGCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Description similaire - DAC5689IRGCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com