Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX584B20V Fiches technique(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce BZX584B20V
Description  200mW SOD-523 SURFACE MOUNT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BZX584B20V Fiches technique(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BZX584B20V Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B20V Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B20V Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B20V Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B20V Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DB-147
April 2009, Revision A
Page 2
TAK CHEONG
®
SEMICONDUCTOR
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
BZX584B20V
N5
19.60
20
20.40
5
55
1
212
0.045
14.0
BZX584B22V
P5
21.56
22
22.44
5
55
1
235
0.045
15.4
BZX584B24V
R5
23.52
24
24.48
5
70
1
235
0.045
16.8
BZX584B27V
S5
26.46
27
27.54
2
80
0.5
282
0.045
18.9
BZX584B30V
T5
29.40
30
30.60
2
80
0.5
282
0.045
21.0
BZX584B33V
U5
32.34
33
33.66
2
80
0.5
306
0.045
23.0
BZX584B36V
V5
35.28
36
36.72
2
90
0.5
329
0.045
25.2
BZX584B39V
X5
38.22
39
39.78
2
130
0.5
329
0.045
27.3
BZX584B43V
Y5
42.14
43
43.86
2
150
0.5
353
0.045
30.1
BZX584B47V
Z5
46.06
47
47.94
2
170
0.5
353
0.045
33.0
BZX584B51V
−5
49.98
51
52.02
2
180
0.5
376
0.045
35.7
BZX584B56V
=5
54.88
56
57.12
2
200
0.5
400
0.045
39.2
BZX584B62V
≡5
60.76
62
63.24
2
215
0.5
423
0.045
43.4
BZX584B68V
>5
66.64
68
69.36
2
240
0.5
447
0.045
47.6
BZX584B75V
<5
73.50
75
76.50
2
255
0.5
470
0.045
52.5
VF Forward Voltage = 1 V Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (V
Z) is tested under pulse condition of 10mS.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (I
ZT or IZK) is superimposed to IZT or IZK.


Numéro de pièce similaire - BZX584B20V

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
BZX584B20V FS-BZX584B20V Datasheet
306Kb / 4P
   Zener Diode
More results

Description similaire - BZX584B20V

FabricantNo de pièceFiches techniqueDescription
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Shunye Enterprise
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5ZXXVB YEASHIN-MM5ZXXVB Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
MM5ZXXV YEASHIN-MM5ZXXV Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WTV RECTRON-1N4148WTV Datasheet
268Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB751S-40 DGNJDZ-RB751S-40 Datasheet
107Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
   200mW , SOD-523 Surface Mount Zener Diodes
logo
Tak Cheong Electronics ...
TC1N4148WT TAK_CHEONG-TC1N4148WT_11 Datasheet
187Kb / 5P
   200mW SOD-523 SURFACE MOUNT Fast Switching Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com