Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX584B12V Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce BZX584B12V
Description  200mW SOD-523 SURFACE MOUNT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BZX584B12V Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BZX584B12V Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B12V Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B12V Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B12V Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX584B12V Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DB-147
April 2009, Revision A
Page 1
TAK CHEONG
®
SEMICONDUCTOR
200mW SOD-523 SURFACE MOUNT
Very Small Outline Flat Lead Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-55 to +150
°C
TOPR
Operating Temperature Range
-55 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.4V to 75V
Flat Lead SOD-523 Small Outline Plastic Package
Extremely Small SOD-523 Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Terminal Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
BZX584B2V4
05
2.35
2.4
2.45
5
100
1
564
45
1
BZX584B2V7
15
2.65
2.7
2.75
5
100
1
564
18
1
BZX584B3V0
25
2.94
3.0
3.06
5
100
1
564
9
1
BZX584B3V3
35
3.23
3.3
3.37
5
95
1
564
4.5
1
BZX584B3V6
45
3.53
3.6
3.67
5
90
1
564
4.5
1
BZX584B3V9
+
5
3.82
3.9
3.98
5
90
1
564
2.7
1
BZX584B4V3
65
4.21
4.3
4.39
5
90
1
564
2.7
1
BZX584B4V7
75
4.61
4.7
4.79
5
80
1
470
2.7
2
BZX584B5V1
85
5.00
5.1
5.20
5
60
1
451
1.8
2
BZX584B5V6
95
5.49
5.6
5.71
5
40
1
376
0.9
2
BZX584B6V2
A5
6.08
6.2
6.32
5
10
1
141
2.7
4
BZX584B6V8
B5
6.66
6.8
6.94
5
15
1
75
1.8
4
BZX584B7V5
C5
7.35
7.5
7.65
5
15
1
75
0.9
5
BZX584B8V2
D5
8.04
8.2
8.36
5
15
1
75
0.63
5
BZX584B9V1
E5
8.92
9.1
9.28
5
15
1
94
0.45
6
BZX584B10V
F5
9.80
10
10.20
5
20
1
141
0.18
7
BZX584B11V
G5
10.78
11
11.22
5
20
1
141
0.09
8
BZX584B12V
H5
11.76
12
12.24
5
25
1
141
0.09
8
BZX584B13V
J5
12.74
13
13.26
5
30
1
160
0.09
8
BZX584B15V
K5
14.70
15
15.30
5
30
1
188
0.045
10.5
BZX584B16V
L5
15.68
16
16.32
5
40
1
188
0.045
11.2
BZX584B18V
M5
17.64
18
18.36
5
45
1
212
0.045
12.6
ELECTRICAL SYMBOL
Anode
SOD-523 Flat Lead
Cathode


Numéro de pièce similaire - BZX584B12V

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
BZX584B12V FS-BZX584B12V Datasheet
306Kb / 4P
   Zener Diode
More results

Description similaire - BZX584B12V

FabricantNo de pièceFiches techniqueDescription
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Shunye Enterprise
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5ZXXVB YEASHIN-MM5ZXXVB Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
MM5ZXXV YEASHIN-MM5ZXXV Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WTV RECTRON-1N4148WTV Datasheet
268Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB751S-40 DGNJDZ-RB751S-40 Datasheet
107Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
   200mW , SOD-523 Surface Mount Zener Diodes
logo
Tak Cheong Electronics ...
TC1N4148WT TAK_CHEONG-TC1N4148WT_11 Datasheet
187Kb / 5P
   200mW SOD-523 SURFACE MOUNT Fast Switching Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com