Moteur de recherche de fiches techniques de composants électroniques |
|
BZX584B10V Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
BZX584B10V Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
1 / 5 page DB-147 April 2009, Revision A Page 1 TAK CHEONG ® SEMICONDUCTOR 200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators Green Product Absolute Maximum Ratings TA = 25°C unless otherwise noted Symbol Parameter Value Units PD Power Dissipation 200 mW TSTG Storage Temperature Range -55 to +150 °C TOPR Operating Temperature Range -55 to +150 °C These ratings are limiting values above which the serviceability of the diode may be impaired. Specification Features: Wide Zener Voltage Range Selection, 2.4V to 75V Flat Lead SOD-523 Small Outline Plastic Package Extremely Small SOD-523 Package Surface Device Type Mounting RoHS Compliant Green EMC Matte Tin(Sn) Terminal Finish Band Indicates Cathode Electrical Characteristics TA = 25°C unless otherwise noted VZ @ IZT (Volts) Device Type Device Marking Min Nom Max IZT (mA) ZZT @ IZT ( Ω) Max IZK (mA) ZZK @ IZK ( Ω) Max IR @ VR ( μA) Max VR (Volts) BZX584B2V4 05 2.35 2.4 2.45 5 100 1 564 45 1 BZX584B2V7 15 2.65 2.7 2.75 5 100 1 564 18 1 BZX584B3V0 25 2.94 3.0 3.06 5 100 1 564 9 1 BZX584B3V3 35 3.23 3.3 3.37 5 95 1 564 4.5 1 BZX584B3V6 45 3.53 3.6 3.67 5 90 1 564 4.5 1 BZX584B3V9 + 5 3.82 3.9 3.98 5 90 1 564 2.7 1 BZX584B4V3 65 4.21 4.3 4.39 5 90 1 564 2.7 1 BZX584B4V7 75 4.61 4.7 4.79 5 80 1 470 2.7 2 BZX584B5V1 85 5.00 5.1 5.20 5 60 1 451 1.8 2 BZX584B5V6 95 5.49 5.6 5.71 5 40 1 376 0.9 2 BZX584B6V2 A5 6.08 6.2 6.32 5 10 1 141 2.7 4 BZX584B6V8 B5 6.66 6.8 6.94 5 15 1 75 1.8 4 BZX584B7V5 C5 7.35 7.5 7.65 5 15 1 75 0.9 5 BZX584B8V2 D5 8.04 8.2 8.36 5 15 1 75 0.63 5 BZX584B9V1 E5 8.92 9.1 9.28 5 15 1 94 0.45 6 BZX584B10V F5 9.80 10 10.20 5 20 1 141 0.18 7 BZX584B11V G5 10.78 11 11.22 5 20 1 141 0.09 8 BZX584B12V H5 11.76 12 12.24 5 25 1 141 0.09 8 BZX584B13V J5 12.74 13 13.26 5 30 1 160 0.09 8 BZX584B15V K5 14.70 15 15.30 5 30 1 188 0.045 10.5 BZX584B16V L5 15.68 16 16.32 5 40 1 188 0.045 11.2 BZX584B18V M5 17.64 18 18.36 5 45 1 212 0.045 12.6 ELECTRICAL SYMBOL Anode SOD-523 Flat Lead Cathode |
Numéro de pièce similaire - BZX584B10V |
|
Description similaire - BZX584B10V |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |