Moteur de recherche de fiches techniques de composants électroniques |
|
MTBHF315CVMG Fiches technique(PDF) 1 Page - MMD Components |
|
MTBHF315CVMG Fiches technique(HTML) 1 Page - MMD Components |
1 / 2 page Specifications subject to change without notice Revision MTBH121807H MTBH, MTBS, and MTBZ Series Industry Standard Package +3.30VDC or +5.00VDC RoHS Compliant Available Up to 800.000MHZ ELECTRICAL SPECIFICATIONS: Output HCMOS Clipped Sinewave Sinewave Fund or 3rd OT 1.000KHZ to 180.000MHZ 1.000KHZ to 180.000MHZ 1.000KHZ to 180.000MHZ Frequency Range PLL 75.000KHZ to 200.000MHZ 75.000KHZ to 800.000MHZ 75.000KHZ to 800.000MHZ Load 10k Ohms // 15pF 10k Ohms // 15pF 50 Ohms Supply Current 35mA max 3mA max 35mA max Output Level Logic “1” = 90% of Vdd min Logic “0” = 10% of Vdd max 1.0V p-p min 0 dBm min Symmetry 40%/60% at 50% of Waveform N/A N/A Freq. Stability vs Temp (Note 1) (See Frequency Stability vs Temperature Table) Freq. Stability vs Aging ±1 ppm per year max Freq. Stability vs Voltage ±0.3 ppm with a 5% change in Vdd Freq. Stability vs Load ±0.3 ppm with a 10% change in Load Storage Temperature -40°C to +85°C Supply Voltage (Vdd) +3.3VDC ±5% +5.0VDC ±5% Control Voltage with VC option +1.65VDC ±1.50VDC Positive Slope +2.50VDC ±2.00VDC Positive Slope Pin 1 Connection No Connection No Connection VC Option ±10 ppm min Mechanical Trimmer when Specified ±3 ppm min If no mechanical trimmer is specified, trimmer may still be present depending on frequency stability option. Note 1: If no mechanical trimmer, oscillator frequency shall be ±1 ppm at +25°C ±3°C at time of shipment. PART NUMBER GUIDE: MT FREQUENCY Blank = Not Compliant F = is Compliant RoHS Compliant 14 PIN DIP TCXO Pin 1 Connection Blank = N/C V = Voltage Control Blank = No Added Options G = Gull-wing Value Added Options 10 = ±1.0 ppm 15 = ±1.5 ppm 20 = ±2.0 ppm 25 = ±2.5 ppm 30 = ±3.0 ppm 50 = ±5.0 ppm Frequency Stability Operating Temperature A = 0°C to +50°C C = -20°C to +70°C D = -30°C to +70°C E = -30°C to +80°C F = -40°C to +85°C G = 0°C to +70°C Please Consult with MMD Sales Department for any other Parameters or Options. Series Options 5 = +5.0VDC 3 = +3.3VDC Supply Voltage H = HCMOS S = Clipped Sinewave Z = Sinewave Output Blank = No Trimmer M = Mechanical Trimmer Trimmer Option B = B Series (5.0 mm ht) B MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com |
Numéro de pièce similaire - MTBHF315CVMG |
|
Description similaire - MTBHF315CVMG |