Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT88SC0808C Fiches technique(PDF) 16 Page - ATMEL Corporation

No de pièce AT88SC0808C
Description  CryptoMemory 8 Kbit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0808C Fiches technique(HTML) 16 Page - ATMEL Corporation

Back Button AT88SC0808C_09 Datasheet HTML 12Page - ATMEL Corporation AT88SC0808C_09 Datasheet HTML 13Page - ATMEL Corporation AT88SC0808C_09 Datasheet HTML 14Page - ATMEL Corporation AT88SC0808C_09 Datasheet HTML 15Page - ATMEL Corporation AT88SC0808C_09 Datasheet HTML 16Page - ATMEL Corporation AT88SC0808C_09 Datasheet HTML 17Page - ATMEL Corporation AT88SC0808C_09 Datasheet HTML 18Page - ATMEL Corporation AT88SC0808C_09 Datasheet HTML 19Page - ATMEL Corporation AT88SC0808C_09 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
AT88SC0808C
2024JS–SMEM–3/09
14.
Packaging Information
Ordering Code: MJ
Ordering Code: MP
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top:
Round -
∅ 8.5 [mm]
Thickness:
0.58 [mm]
Pitch:
14.25 mm
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top:
Square - 8.8 x 8.8 [mm]
Thickness:
0.58 [mm]
Pitch:
14.25 mm
*Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual
dimensions of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both
directions (i.e., a punched M2 module will yield 13.0 x 11.8 mm).


Numéro de pièce similaire - AT88SC0808C_09

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
More results

Description similaire - AT88SC0808C_09

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0808C ATMEL-AT88SC0808C_14 Datasheet
367Kb / 21P
   Atmel CryptoMemory, 8-Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com