Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13821 Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc

No de pièce MC13821
Description  Low Noise Amplifier with Bypass Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13821 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Application Information
MC13821 Data Sheet: Technical Data, Rev. 1.5
10
Freescale Semiconductor
Figure 7. Input 3rd Order Intercept Point vs. Icc for the 1960 MHz Application Circuit
(Rbias varied from 1.2 k
Ω to 3 kΩ)
Figure 8. Input 3rd Order Intercept Point vs. Icc for the 2140 MHz Application Circuit
(Rbias varied from 1.2 k
Ω to 3 kΩ)
3
Application Information
The MC13821 SiGe:C LNA is designed for applications in the 1000 MHz to 2.4 GHz range. It has three
different modes: High Gain, Low Gain (Bypass) and Disabled. The IC is programmable through the Gain
and Enable pins. The logic truth table is given in Table 5.
In these application examples a balance is made between the competing RF performance characteristics of
ICC, NF, gain, IP3 and return losses with unconditional stability. Conjugate matching is not used for the
input or output. Instead, matching which achieves a trade-off in RF performance qualities is utilized. For
a particular application or spec requirement, the matching can be changed to achieve enhanced
performance of one parameter at the expense of other parameters.
Input 3rd Order Intercept Point vs. Icc
1960 MHz Application Ckt.
-6
-4
-2
0
2
4
6
1.5
2.5
3.5
4.5
5.5
Icc (mA)
Input 3rd Order Intercept Point vs. Icc
2140 MHz Application Circuit
-2
-1
0
1
2
3
4
5
6
12
34
5
Icc (mA)


Numéro de pièce similaire - MC13821

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Freescale Semiconductor...
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results

Description similaire - MC13821

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-785T6 BOARDCOM-DEMO-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13850 NXP-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com