Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA482P67K65 Fiches technique(PDF) 2 Page - Silan Microelectronics Joint-stock

No de pièce SA482P67K65
Description  PWM CONTROLLER WITH BUILTIN MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA482P67K65 Fiches technique(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA482P67K65 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA482P67K65 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA482P67K65 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA482P67K65 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA482P67K65 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA482P67K65 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SA482X67K65
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2007.07.05
Http: www.silan.com.cn
Page 2 of 7
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Rating
Unit
Drain-Gate Voltage (RGS=1M
Ω)
VDGR
650
V
Gate-Power (GND) Voltage
VGS
±30
V
Drain Current Pulsed
IDM
8.0
ADC
Continuous Drain Current (Tamb=25
°C)
ID
2.0
ADC
Continuous Drain Current (Tamb=100
°C)
ID
1.3
ADC
Signal Pulsed Avalanche Energy
(2)
EAS
68
mJ
Power Supply Voltage
VCC
30
V
Analog Input Voltage
VFB
-0.3~ VSD
V
SA482P67K65
2.2
SA482T67K65
PD
42
W
SA482P67K65
0.017
Total Power Consumption
SA482T67K65
Darting
0.33
W/
°C
Operating Junction Temperature
TJ
+160
°C
Operating Temperature
Tamb
-25~ +85
°C
Storage Temperature
Tstg
-55~+150
°C
Note: 1. Pulse width is limited by maximum junction temperature.
2. L=51mH, starting Tj=25
°C


Numéro de pièce similaire - SA482P67K65

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
SA48 CHONGQING-SA48 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA48 PANJIT-SA48 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA48 FCI-SA48 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA48 TSC-SA48 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SA48 YANGJIE-SA48 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Description similaire - SA482P67K65

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SD686X SILAN-SD686X Datasheet
250Kb / 10P
   CURRENT MODE PWMPFM CONTROLLER WITH BUILTIN MOSFET
SC6105 SILAN-SC6105 Datasheet
386Kb / 8P
   VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION
SC63C0316 SILAN-SC63C0316 Datasheet
288Kb / 24P
   AUDIO CONTROL SYSTEM WITH BUILTIN
logo
Advanced Power Electron...
APU3073 A-POWER-APU3073 Datasheet
164Kb / 17P
   SYNCHRONOUS PWM CONTROLLER WITH
logo
Texas Instruments
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045_15 Datasheet
1Mb / 46P
[Old version datasheet]   Full-Bridge PWM Controller With Integrated MOSFET Drivers
logo
Renesas Technology Corp
ZSPM2000 RENESAS-ZSPM2000 Datasheet
669Kb / 43P
   True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
logo
Texas Instruments
LM5045SQ TI-LM5045SQ Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com