Moteur de recherche de fiches techniques de composants électroniques |
|
MC10XS3435 Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc |
|
MC10XS3435 Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc |
10 / 51 page Analog Integrated Circuit Device Data 10 Freescale Semiconductor 10XS3435 ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS OUTPUTS HS0 TO HS3 (CONTINUED) HS[0,1] Output Over-current Detection Levels (6.0 V < VHS[0:3] < 20 V) 28 W bit = 0 28 W bit = 1 OCHI1_0 OCHI2_0 OC1_0 OC2_0 OC3_0 OC4_0 OCLO4_0 OCLO3_0 OCLO2_0 OCLO1_0 OCHI1_1 OCHI2_1 OC1_1 OC2_1 OC3_1 OC4_1 OCLO4_1 OCLO3_1 OCLO2_1 OCLO1_1 78 50 44.1 37.8 31.5 25.2 18.9 12.6 10.0 6.4 39 25 22.0 18.9 15.7 12.6 4.5 4.5 4.5 3.0 94.0 60.0 52.5 45.0 37.5 30.0 22.5 15.0 12.0 8.0 47.0 30.0 26.2 22.5 18.7 15.0 6.0 6.0 6.0 4.0 110 70 60.9 52.2 43.5 34.8 26.1 17.4 14.0 9.6 55 35 30.5 26.1 21.8 17.4 7.5 7.5 7.5 5.0 A HS[0,1] Current Sense Ratio (6.0 V < HS[0:3] < 20 V, CSNS < 5.0 V)(16) 28 W bit = 0 CSNS_ratio bit = 0 CSNS_ratio bit = 1 28 W bit = 1 CSNS_ratio bit = 0 CSNS_ratio bit = 1 CSR0_0 CSR1_0 CSR0_1 CSR1_1 – – – – 1/8900 1/53000 1/4450 1/26500 – – – – – HS[0,1] Current Sense Ratio (CSR0) Accuracy (6.0 V < VHS[0:3] < 20 V) with 28W bit=0 Output Current 12.5 A 5.0 A 3.0 A 1.5 A CSR0_0_ACC -12 -13 -16 -20 – – – – 12 13 16 20 % Notes 16. Current sense ratio = ICSNS / IHS[0:3] Table 4. Static Electrical Characteristics (continued) Characteristics noted under conditions 6.0 V ≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted. Characteristic Symbol Min Typ Max Unit |
Numéro de pièce similaire - MC10XS3435 |
|
Description similaire - MC10XS3435 |