Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC2174 Fiches technique(PDF) 4 Page - Micrel Semiconductor

No de pièce MIC2174
Description  300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Fiches technique(HTML) 4 Page - Micrel Semiconductor

  MIC2174 Datasheet HTML 1Page - Micrel Semiconductor MIC2174 Datasheet HTML 2Page - Micrel Semiconductor MIC2174 Datasheet HTML 3Page - Micrel Semiconductor MIC2174 Datasheet HTML 4Page - Micrel Semiconductor MIC2174 Datasheet HTML 5Page - Micrel Semiconductor MIC2174 Datasheet HTML 6Page - Micrel Semiconductor MIC2174 Datasheet HTML 7Page - Micrel Semiconductor MIC2174 Datasheet HTML 8Page - Micrel Semiconductor MIC2174 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Micrel, Inc.
MIC2174
September 2009
4
M9999-090409-B
Parameter
Condition
Min
Typ
Max
Units
Oscillator
Switching Frequency
Measured in Test Mode
0.225
0.3
0.375
MHz
Maximum Duty Cycle
Measured at DH
(8)
87
%
Minimum Duty Cycle
Measured at DH
0
%
FET Drives
DH, DL Output Low Voltage
ISINK = 10mA
0.1
V
DH, DL Output High Voltage
ISOURCE = 10mA
VIN-0.1V
or
VBST-0.1V
V
DH On-Resistance, High State
2.1
3.3
DH On-Resistance, Low State
1.8
3.3
DL On-Resistance, High State
1.8
3.3
DL On-Resistance, Low State
1.2
2.3
LX Leakage Current
VLX = 40V, VIN = 5.5V,VBST = 45.5V
55
µA
HSD Leakage Current
VLX = 40V, VIN = 5.5V,VBST = 45.5V
21
µA
Thermal Protection
Over-temperature Shutdown
155
°C
Over-temperature Shutdown
Hysteresis
10
°C
Shutdown Control
En Logic Level Low
3V < VIN <5.5V
0.4
0.8
V
En Logic Level High
3V < VIN <5.5V
0.9
1.2
V
En Pull-up Current
50
µA
Note:
8. The maximum duty cycle is limited by the fixed mandatory off time TOFF of typical 363ns.


Numéro de pièce similaire - MIC2174

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174-1YMM MICREL-MIC2174-1YMM Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174C MICREL-MIC2174C Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174C-1YMM MICREL-MIC2174C-1YMM Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
More results

Description similaire - MIC2174

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
logo
Micrel Semiconductor
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
   300kHz 4mm 횞 4mm Synchronous Buck Converter
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
   Wide Input, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
logo
Micrel Semiconductor
MIC2199 MICREL-MIC2199 Datasheet
222Kb / 15P
   300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Sipex Corporation
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
   High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com