Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB1105W Fiches technique(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

No de pièce SB1105W
Description  Single Color Ultra High Brightness Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Site Internet  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SB1105W Fiches technique(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SB1105W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. SB1105W Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Derating
Ambient Temperature vs. Maximum Forward Current
0
10
20
30
40
50
60
-40
10
60
110
 Ambient Temperature : Ta (℃)
      Repeatition Frequency: f≧ 50Hz
Duty=5%
Duty=10%
Duty=20%
Duty=50%
DC
0.1
1.0
10.0
- 40
- 20
0
204060
80
100
1
10
1
10
100
1000
10000
100000
2.4
1
10
100
110
100
VUG
VUB
10kHz
1kHz
100Hz
50Hz
Page 8
Characteristics Chart (VUB,VUG)
1105W Series
Single Color Dome Lens Type
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
Duty (%)
Pulse Width vs. Maximum Tolerable Peak Current
Ambient Temp. vs. Relative Intensity
Condition:I
F=10mA
Ambient Temp. : Ta (℃ )
(High Reliability type, V-Series)
2004.06.25
Ambient Temp. : Ta=25℃
Pulse Width : tw (μs)


Numéro de pièce similaire - SB1105W

FabricantNo de pièceFiches techniqueDescription
logo
ABC Taiwan Electronics ...
SB1105100M1 ABC-SB1105100M1 Datasheet
527Kb / 7P
   SMD POWER INDUCTOR
SB1105101K1 ABC-SB1105101K1 Datasheet
527Kb / 7P
   SMD POWER INDUCTOR
SB1105120M1 ABC-SB1105120M1 Datasheet
527Kb / 7P
   SMD POWER INDUCTOR
SB1105150M1 ABC-SB1105150M1 Datasheet
527Kb / 7P
   SMD POWER INDUCTOR
SB1105151K1 ABC-SB1105151K1 Datasheet
527Kb / 7P
   SMD POWER INDUCTOR
More results

Description similaire - SB1105W

FabricantNo de pièceFiches techniqueDescription
logo
STANLEY ELECTRIC CO.,LT...
1111C STANLEY-1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com