Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB4060PT Fiches technique(PDF) 1 Page - PACELEADER INDUSTRIAL

No de pièce SB4060PT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PACELEADER [PACELEADER INDUSTRIAL]
Site Internet  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB4060PT Fiches technique(HTML) 1 Page - PACELEADER INDUSTRIAL

  SB4060PT Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB4060PT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SB4020PT thru SB40150PT
FEATURES
MECHANICAL DATA
UNITS
0C
-55 to +150
Volts
Volts
Volts
Volts
Amps
Amps
40
350
0.5
100
300
0.1
7
100
0C / W
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
RATINGS
mA
VOLTAGE - 20 TO 200 VOLTS
CURRENT - 40 AMPERES
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 outilizing
Flame Retardant Epoxy Molding Compound.
Exceeds environmental standards of MIL-S-19500/228
Low power loss. High efficiency
Low fower voltage, high current capability
High surge capacity
For use in low voltage, high frequency inverters
Free wheeling , and polarlity protection applications
o
High temperature soldering 260 C/10seconds at terminals
Pb free product are available 99% Sn above can meet RoHS
Environment substance directive request
Case TO-3P Molded plastic
Terminals Lead, solderable per
MIL-STD-202, Method 208
Polarity As Marked
Mounting Position Any
Weight 0.08 ounces, 2.24gram
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current at TC=90 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 20A per element
0
Maximum DC Reverse Current TC=25 C
0
DC Blocking Voltage per element TC=100 C
Typical Thermal Resistance Note R JA
Operating and Storage Temperature Range
SB
4020PT
20
14
20
SB
4030PT
30
21
30
SB
4040PT
40
28
40
SB
4050PT
50
35
50
SB
4060PT
60
42
60
SB
4080PT
80
56
80
SB
40100PT
100
70
100
SB
40150PT
150
105
150
0.55
0.75
0.85
0.92
NOTE
1. Thermal Resistance Junction to Ambient
TO-3P
www.paceleader.tw


Numéro de pièce similaire - SB4060PT

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB4060PT PANJIT-SB4060PT Datasheet
157Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB4060PT PANJIT-SB4060PT Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Continental Device Indi...
SB4060PT CDIL-SB4060PT Datasheet
135Kb / 3P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB4060PT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com