Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLDB053S Fiches technique(PDF) 1 Page - Rectron Semiconductor

No de pièce SLDB053S
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SLDB053S Fiches technique(HTML) 1 Page - Rectron Semiconductor

  SLDB053S Datasheet HTML 1Page - Rectron Semiconductor SLDB053S Datasheet HTML 2Page - Rectron Semiconductor SLDB053S Datasheet HTML 3Page - Rectron Semiconductor SLDB053S Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SLDB051S
THRU
SLDB057S
SLDBS
Dimensions in inches and (millimeters)
FEATURES
* Good for automation insertion
* Surge overload rating - 15 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 0.33 gram
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
2007-08
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
0.5
15
-55 to + 150
0
C
UNITS
Maximum Average Forward Output Current at TA = 40
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
Volts
Amps
SLDB051S SLDB052S SLDB053S SLDB054S SLDB055S SLDB056S SLDB057S
SLDB051S SLDB052S SLDB053S SLDB054S SLDB055S SLDB056S SLDB057S
50
200
400
100
600
800
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.5
mAmps
uAmps
Element at 0.5A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
2.0
R q J A
0
C/W
R q J L
Typical Thermal Resistance (Note 2)
Note: 1.”Fully ROHS compliant”,”100% Sn plating(Pb-free).
2. Thermal Resistance: Mounted on PCB.
70
30
Maximum Reverse Current at Rated
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
.028 (0.7)
.020 (0.5)
.142 (3.6)
.126 (3.2)
MAX .209 (5.3)
.150 (3.8)
.165 (4.2)
MAX .059 (1.5)
.0039 (0.100)
.0036 (0.092)
.028 (0.700)
.012 (0.300)
.009(0.220)
.007(0.180)


Numéro de pièce similaire - SLDB053S

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
SLDB051S RECTRON-SLDB051S_10 Datasheet
201Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Description similaire - SLDB053S

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU15A GENESIC-GBU15A Datasheet
350Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBJ406G GENESIC-KBJ406G Datasheet
326Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Rectron Semiconductor
RS101 RECTRON-RS101_05 Datasheet
30Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
DF005 SEMTECH_ELEC-DF005 Datasheet
464Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB101 SEMTECH_ELEC-DB101 Datasheet
309Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB151 SEMTECH_ELEC-DB151 Datasheet
336Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBJ6J GENESIC-GBJ6J_18 Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com