Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54HD Fiches technique(PDF) 1 Page - Weitron Technology

No de pièce BAT54HD
Description  Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54HD Fiches technique(HTML) 1 Page - Weitron Technology

  BAT54HD Datasheet HTML 1Page - Weitron Technology BAT54HD Datasheet HTML 2Page - Weitron Technology BAT54HD Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOD-923 Outline Dimensions
Unit:mm
L
E
D
−X−
−Y−
b 2 X
0.08 (0.0032)
X Y
HE
C
A
DIM
MILLIMETERS
A
0.36
0.15
0.07
0.75
0.55
0.95
0.05
0.40
0.20
0.12
0.80
0.60
1.00
0.10
0.43
0.25
0.17
0.85
0.65
1.05
0.15
b
c
D
E
HE
L
1
2
MAX
NOM
MIN
SOLDERING FOOTPRINT
0.40
0.90
0.30
http://www.weitron.com.tw
WEITRON
BAT54HD
SMALL SIGNAL
SCHOTTKY DIODES
200m AMPERES
30 VOLTS
Description:
Feature:
Surface Mount Schottky Barrier Diodes
SOD-923
1
2
Lead(Pb)-Free
P b
* Slicon Epitaxial Planer
* Low Forward Voltage and Low Reverse Current
* High Reliability
* Schottky Barrier Diodes Encapsulated in a SOD-923 Package
These schottky barrier diodes are designed for high speed
switching applications circuit protection, and voltage clamping.
Extremely low forward voltage reduces conduction loss.
Miniature surface mount package is excellent for hand held
and portable applications where space is limited.
1/3
15-Oct-08


Numéro de pièce similaire - BAT54HD

FabricantNo de pièceFiches techniqueDescription
logo
DAESAN ELECTRONIC CORP.
BAT54H DAESAN-BAT54H Datasheet
262Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
BAT54H BILIN-BAT54H Datasheet
152Kb / 3P
   Schottky Barrier Diode
logo
Weitron Technology
BAT54H WEITRON-BAT54H Datasheet
588Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
BAT54H BILIN-BAT54H Datasheet
194Kb / 3P
   Schottky Barrier Diode
logo
NXP Semiconductors
BAT54H PHILIPS-BAT54H Datasheet
48Kb / 8P
   Schottky barrier single diode in small SOD123F package
Rev. 01-7 April 2005
More results

Description similaire - BAT54HD

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com