Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS16W Fiches technique(PDF) 2 Page - Shanghai Lunsure Electronic Tech

No de pièce BAS16W
Description  High Speed Switching Diode 350mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENYI [Shanghai Lunsure Electronic Tech]
Site Internet  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BAS16W Fiches technique(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  BAS16W Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BAS16W Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS16W
TA= 125
°C
TA=150
°C
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
100
MilliAmps
.2
.4
.6
.8
1.0
1.2
.1
1
10
Volts
Figure 2
Typical Reverse Characteristics
Instantaneous Reverse Current - MicroAmperesversus
Reverse Voltage - Volts
Volts
1
µA
0
50
10
20
30
40
.001
.01
.1
10
60
Diode Capacitance - pFversus
Reverse Voltage - Volts
Figure 3
Diode Capacitance
0
4
6
8
2
0.52
0.56
0.64
0.68
pF
Volts
0.60
TA = 85
°C
TA = -40
°C
TA = 25
°C
TA = 85
°C
TA = 55
°C
TA = 25
°C
www.cnelectr .com


Numéro de pièce similaire - BAS16W

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAS16W PANJIT-BAS16W Datasheet
110Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
BAS16W DIOTEC-BAS16W Datasheet
191Kb / 2P
   SMD Small Signal Diodes
logo
Pan Jit International I...
BAS16W PANJIT-BAS16W Datasheet
37Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Goodwork Semiconductor ...
BAS16W GWSEMI-BAS16W Datasheet
554Kb / 3P
   Silico n Epitaxial Planar Switching Diode
logo
NXP Semiconductors
BAS16W NXP-BAS16W Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
More results

Description similaire - BAS16W

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W_13 Datasheet
225Kb / 3P
   High Speed Switching Diode 350mW
BAS16W MCC-BAS16W Datasheet
95Kb / 2P
   High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX Datasheet
97Kb / 2P
   High Speed Switching Diode 350mW
BAS16WXH MCC-BAS16WXH Datasheet
335Kb / 3P
   High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_13 Datasheet
251Kb / 3P
   High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_11 Datasheet
212Kb / 3P
   High Speed Switching Diode 350mW
BAS16W-TP MCC-BAS16W-TP Datasheet
225Kb / 3P
   High Speed Switching Diode 350mW
BAS16W MCC-BAS16W_11 Datasheet
175Kb / 3P
   High Speed Switching Diode 350mW
logo
Shanghai Lunsure Electr...
BAS16WX CHENYI-BAS16WX Datasheet
59Kb / 2P
   High Speed Switching Diode 350mW
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW_15 Datasheet
223Kb / 4P
   350mW High Speed SMD Switching Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com