Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD7000G Fiches technique(PDF) 1 Page - Zowie Technology Corporation

No de pièce MMBD7000G
Description  Dual Switching Diode Lead free product
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBD7000G Fiches technique(HTML) 1 Page - Zowie Technology Corporation

  MMBD7000G Datasheet HTML 1Page - Zowie Technology Corporation MMBD7000G Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zowie Technology Corporation
Dual Switching Diode
Lead free product
MMBD7000G
1
2
3
SOT-23
Rating
Symbol
Value
Unit
Characteristic
Symbol
Min.
Max.
Unit
Reverse Voltage
VR
100
Vdc
Peak Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM( surge )
500
mAdc
Characteristic
Symbol
Max.
Unit
Total Device Dissipation FR-5 Board
(1) TA=25
o
C
Derate above 25
o
C
PD
225
1.8
mW
mW /
oC
Total Device Dissipation Alumina Substrate,
(2) TA=25
o
C
Derate above 25
o
C
PD
VF
300
2.4
( IF=1.0 mAdc )
( IF=10 mAdc )
( IF=100 mAdc )
550
670
750
700
820
1100
mW
mW /
oC
Thermal Resistance, Junction to Ambient
556
oC / W
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted) (EACH DIODE)
V(BR)
100
-
Vdc
mVdc
OFF CHARACTERISTICS
R JA
Thermal Resistance, Junction to Ambient
417
oC / W
R JA
Junction and Storage Temperature
Forward Voltage
IR
( VR=50 Vdc )
( VR=100 Vdc, )
( VR=50 Vdc, 125
o
C )
-
-
-
1.0
3.0
100
uAdc
Reverse Voltage Leakage Current
Reverse Breakdown Voltage
( IBR=100uAdc )
CJ
-
1.5
pF
Diode Capacitance
( VR=0, f=1.0MHZ )
trr
-
4.0
nS
Reverse Recovery Time
( IF=IR=10 mAdc, VR=5.0 Vdc, IR(REC)=1.0mAdc, RL=100
)
-55 to +150
oC
TJ,TSTG
(1) FR-5=1.0 x 0.75 x 0.062in.
(2) Alumina=0.4 x 0.3 x 0.024in. 99.5% alumina.
ANODE
CATHODE
CATHODE/ANODE
1
3
2
Zowie Technology Corporation
2005/08/22


Numéro de pièce similaire - MMBD7000G

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
MMBD7000 SECOS-MMBD7000 Datasheet
612Kb / 2P
   Surface Mount Switching Diode
logo
Galaxy Semi-Conductor H...
MMBD7000 BILIN-MMBD7000 Datasheet
189Kb / 3P
   Surface mount switching diode
logo
Guangdong Kexin Industr...
MMBD7000 KEXIN-MMBD7000 Datasheet
800Kb / 2P
   Switching Diodes
logo
Fairchild Semiconductor
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
   High Conductance Ultra Fast Diode
More results

Description similaire - MMBD7000G

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
DAN217G ZOWIE-DAN217G Datasheet
141Kb / 2P
   Switching Diode Lead free product
DAN217UGH ZOWIE-DAN217UGH Datasheet
259Kb / 2P
   Dual series switching diode Lead free product Halogen-free type
BAV99GH ZOWIE-BAV99GH Datasheet
70Kb / 2P
   Dual Series Switching Diode Lead free product Halogen-free type
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
BAS21HT1G ZOWIE-BAS21HT1G Datasheet
60Kb / 2P
   HIGH VOLTAGE SWITCHING DIODE Lead free product
BAS21G ZOWIE-BAS21G Datasheet
85Kb / 2P
   High Voltage Switching Diode Lead free product
BAW56WG ZOWIE-BAW56WG Datasheet
83Kb / 3P
   Silicon Switching Diode Array Lead free product
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com