Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4934GP Fiches technique(PDF) 1 Page - Shanghai Lunsure Electronic Tech

No de pièce 1N4934GP
Description  1 Amp Glass Passivated Fast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENYI [Shanghai Lunsure Electronic Tech]
Site Internet  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4934GP Fiches technique(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  1N4934GP Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4934GP Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N4934GP Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4933GP
THRU
1N4937GP
1 Amp Glass
Passivated Fast
Recovery Rectifier
50 - 600 Volts
DO-41
Features
Glass Passivated Junction
Low Leakage Current
Metalurgically Bonded Construction
Low Cost
Fast Switching
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -
-55
°C to + 1150°C
Storage Temperature: --55
°C to +1150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4933GP 1N4933GP
50V
35V
50V
1N4934GP 1N4934GP
100V
70V
100V
1N4935GP
1N4935GP
200V
140V
200V
1N4936GP
1N4936GP
400V
280V
400V
1N4937GP 1N4937GP
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA =55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz,
VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
D
Cathode
Mark
          

www
.
cnelectr
.com
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
100
µA
TJ = 125
°C
Maximum Reverse
Recovery Time
Trr
200ns
IF=1.0A,
VR=30V


Numéro de pièce similaire - 1N4934GP

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N4934GP FAIRCHILD-1N4934GP Datasheet
32Kb / 2P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
General Semiconductor
1N4934GP GE-1N4934GP Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Micro Commercial Compon...
1N4934GP MCC-1N4934GP Datasheet
164Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
logo
Fairchild Semiconductor
1N4934GP FAIRCHILD-1N4934GP Datasheet
46Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
First Components Intern...
1N4934GP FCI-1N4934GP Datasheet
153Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
More results

Description similaire - 1N4934GP

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
RGP08A ETC1-RGP08A Datasheet
40Kb / 2P
   1 Amp. Glass Passivated Fast Recovery Rectifier
FRS1A ETC1-FRS1A Datasheet
51Kb / 2P
   1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
logo
SeCoS Halbleitertechnol...
FR151G SECOS-FR151G Datasheet
203Kb / 2P
   1.5 AMP Glass Passivated Fast Recovery Rectifier
SCDF103 SECOS-SCDF103_15 Datasheet
380Kb / 2P
   1.0 Amp Glass Passivated Fast Recovery Rectifier
logo
List of Unclassifed Man...
RGP15A ETC-RGP15A Datasheet
45Kb / 2P
   1.5 Amp. Glass Passivated Fast Recovery Rectifier
RGP50A ETC-RGP50A Datasheet
37Kb / 2P
   5 Amp. Glass Passivated Fast Recovery Rectifier
RGP02-12 ETC1-RGP02-12 Datasheet
36Kb / 2P
   0.5 Amp. Glass Passivated Fast Recovery Rectifier
logo
Micro Commercial Compon...
BA157GP MCC-BA157GP Datasheet
233Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com