Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4759A Fiches technique(PDF) 2 Page - Weitron Technology

No de pièce 1N4759A
Description  Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1N4759A Fiches technique(HTML) 2 Page - Weitron Technology

  1N4759A Datasheet HTML 1Page - Weitron Technology 1N4759A Datasheet HTML 2Page - Weitron Technology 1N4759A Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
http//www.weitron.com.tw
Maximum Ratings and Electrical Characteristics (TA=25°C Unless Otherwise Noted)
Symbol
Unit
TA≤ 50°C
P V
1.0
W
T j
200
°C
T stg
-65~+175
°C
RθJA
Electrical Characteristics
Min
Max
Unit
IF=200mA
VF
1.2
-
-
V
Parameter
Symbol
Parameter
Power dissipation
Storage temperature range
Junction temperature
Junction ambient
K/W
100
IZ
Z-current
mA
PV/VZ
I=9.5mm(3/8”) TL=constant
Value
Forward voltage
Typ
2/3
1N4728A Thru 1N4761A
17-Jan-07


Numéro de pièce similaire - 1N4759A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N4759A VISHAY-1N4759A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Suntan Capacitors
1N4759A SUNTAN-1N4759A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
logo
RFE international
1N4759A RFE-1N4759A Datasheet
63Kb / 1P
   LEADED (THRU-HOLE) Zener Diodes
logo
List of Unclassifed Man...
1N4759A ETC-1N4759A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Anova Technologies CO.,...
1N4759A ANOVA-1N4759A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
More results

Description similaire - 1N4759A

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
BZX84B2V0 WEITRON-BZX84B2V0 Datasheet
832Kb / 4P
   SMALL SIGNAL ZENER DIODES 225m WATTS
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com