Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST15-24-15S Fiches technique(PDF) 2 Page - Arch Electronics Corp.

No de pièce ST15-24-15S
Description  Encapsulated DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARCH [Arch Electronics Corp.]
Site Internet  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST15-24-15S Fiches technique(HTML) 2 Page - Arch Electronics Corp.

  ST15-24-15S Datasheet HTML 1Page - Arch Electronics Corp. ST15-24-15S Datasheet HTML 2Page - Arch Electronics Corp. ST15-24-15S Datasheet HTML 3Page - Arch Electronics Corp. ST15-24-15S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : B_2
update : 98.04.09
Encapsulated DC-DC Converter
ST15 SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Model No.
( Single Output )
ST15-12-3.3S
ST15-24-3.3S
ST15-24F-3.3S
ST15-48-3.3S
ST15-48F-3.3S
ST15-12-5S
ST15-24-5S
ST15-24F-5S
ST15-48-5S
ST15-48F-5S
ST15-12-12S
ST15-24-12S
ST15-24F-12S
ST15-48-12S
ST15-48F-12S
ST15-12-15S
ST15-24-15S
ST15-24F-15S
ST15-48-15S
ST15-48F-15S
ST15-12-24S
ST15-24-24S
ST15-48-24S
Max Output Wattage (W)
9.9W
15W
15W
15W
15W
Input
Input Filter
π type
Voltage (V.DC.)
3.3
5
12
15
24
Voltage Accuracy
±2%
Current (mA) max
3000
3000
1250
1000
625
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
Minimum Load
3%
3%
0%
0%
0%
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Output
Switching Frequency
300KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance
±0.5 mm
Case Material
Nickel-Coated Copper with Non-conductive Base, Six-side Shielded
Weight
32 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE, UL
EMC
EMI (Conducted & Radiated Emission)
EN 55022 class A
Model No.
( Dual Output )
ST15-12F-5D
ST15-24F-5D
ST15-48F-5D
ST15-12F-12D
ST15-24F-12D
ST15-48F-12D
ST15-12F-15D
ST15-24F-15D
ST15-48F-15D
Max Output Wattage (W)
15W
Input
Input Filter
π type
Voltage (V.DC.)
±5
±12
±15
Voltage Accuracy
±2%
Current (mA) max
±1500
±625
±500
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%)(Balance Load)
±1%
Minimum Load
3%
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Output
Switching Frequency
300KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance
±0.5 mm
Case Material
Nickel-Coated Copper with Non-conductive Base, Six-side Shielded
Weight
32 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE, UL
EMC
EMI (Conducted & Radiated Emission)
EN 55022 class A
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.


Numéro de pièce similaire - ST15-24-15S

FabricantNo de pièceFiches techniqueDescription
logo
Arch Electronics Corp.
ST15-24-15S ARCH-ST15-24-15S Datasheet
316Kb / 4P
   Encapsulated DC-DCConverter
ST15-24-15S ARCH-ST15-24-15S Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results

Description similaire - ST15-24-15S

FabricantNo de pièceFiches techniqueDescription
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB03 ARCH-SB03 Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
   Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
   Encapsulated DC - DC Converter
SK40 ARCH-SK40 Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com