Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW56WG Fiches technique(PDF) 1 Page - Zowie Technology Corporation

No de pièce BAW56WG
Description  Silicon Switching Diode Array Lead free product
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAW56WG Fiches technique(HTML) 1 Page - Zowie Technology Corporation

  BAW56WG Datasheet HTML 1Page - Zowie Technology Corporation BAW56WG Datasheet HTML 2Page - Zowie Technology Corporation BAW56WG Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Zowie Technology Corporation
Silicon Switching Diode Array
Lead free product
BAW56WG
1
2
3
SOT-323
Rating
Symbol
Value
Unit
Characteristic
Reverse Voltage
VR
70
Vdc
Forward Current
IF
200
mAdc
Forward Surge Current, t=1us
IFM(surge)
4.5
Adc
Characteristic
Symbol
Max.
Unit
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted) (EACH DIODE)
OFF CHARACTERISTICS
≦190
K / W
R JS
Storage Temperature
Junction Soldering Point(1)
Reverse Voltage Leakage Current
( VR=25Vdc, TJ=150
oC )
( VR=70Vdc )
( VR=70Vdc, TJ=150
oC )
Diode Capacitance
( VR=0, f = 1.0 MHZ )
Reverse Breakdown Voltage
( I(BR) = 100uAdc )
Forward Voltage
( IF = 1.0 mAdc )
( IF = 10 mAdc )
( IF = 50 mAdc )
( IF = 150 mAdc )
Symbol
IR
V(BR)
CD
VF
trr
Min.
-
-
-
70
-
-
-
-
-
-
Max.
30
2.5
50
-
2.0
715
855
1000
1250
6.0
Unit
Vdc
uAdc
pF
mVdc
nS
-65 to +150
oC
TSTG
Junction Temperature
150
oC
TJ
Total Power Dissipation, Ts=103
OC
250
mW
Ptot
Zowie Technology Corporation
REV. 0
(1) For calculation of
R JS Please refer to Application Thermal Resistance.
CATHODE
CATHODE
ANODE
3
1
2
Reverse Recovery Time
( IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc ) ( Figure 1 ) RL = 100


Numéro de pièce similaire - BAW56WG

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
BAW56WG-AE3-R UTC-BAW56WG-AE3-R Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAW56WG-AL3-R UTC-BAW56WG-AL3-R Datasheet
121Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
BAW56WGH ZOWIE-BAW56WGH Datasheet
71Kb / 3P
   Silicon Switching Diode Array Lead free product Halogen-free type
More results

Description similaire - BAW56WG

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
BAW56WGH ZOWIE-BAW56WGH Datasheet
71Kb / 3P
   Silicon Switching Diode Array Lead free product Halogen-free type
DAN217G ZOWIE-DAN217G Datasheet
141Kb / 2P
   Switching Diode Lead free product
BAV99WGH ZOWIE-BAV99WGH Datasheet
107Kb / 3P
   Silicon Switching Diode Lead free product Halogen-free type
MMBD7000G ZOWIE-MMBD7000G Datasheet
46Kb / 2P
   Dual Switching Diode Lead free product
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
BAS21HT1G ZOWIE-BAS21HT1G Datasheet
60Kb / 2P
   HIGH VOLTAGE SWITCHING DIODE Lead free product
BAS21G ZOWIE-BAS21G Datasheet
85Kb / 2P
   High Voltage Switching Diode Lead free product
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com