Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5245 Fiches technique(PDF) 2 Page - Zowie Technology Corporation

No de pièce 1N5245
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

1N5245 Fiches technique(HTML) 2 Page - Zowie Technology Corporation

  1N5245 Datasheet HTML 1Page - Zowie Technology Corporation 1N5245 Datasheet HTML 2Page - Zowie Technology Corporation 1N5245 Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zener Voltage Range
Maximum Zener Impedance
1)
Maximum Reverse
Leakage Current
Temp. Coefficient
of Zener Voltage
VZnom
3)
lZT
rZJT
rZJK
at IZK
IR
2)
at VR
TKVZ
Type
V
mA
mA
µA
V
%/K
1N5220
2.2
20
30
1150
0.25
100
1
<-0.085
1N5221
2.4
20
30
1200
0.25
100
1
<-0.085
1N5222
2.5
20
30
1250
0.25
100
1
<-0.085
1N5223
2.7
20
30
1300
0.25
75
1
<-0.080
1N5224
2.8
20
30
1400
0.25
75
1
<-0.080
1N5225
3
20
29
1600
0.25
50
1
<-0.075
1N5226
3.3
20
28
1600
0.25
25
1
<-0.070
1N5227
3.6
20
24
1700
0.25
15
1
<-0.065
1N5228
3.9
20
23
1900
0.25
10
1
<-0.060
1N5229
4.3
20
22
2000
0.25
5
1
<-0.055
1N5230
4.7
20
19
1900
0.25
5
2
<
±0.030
1N5231
5.1
20
17
1600
0.25
5
2
<
±0.030
1N5232
5.6
20
11
1600
0.25
5
3
<+0.038
1N5233
6
20
7
1600
0.25
5
3.5
<+0.038
1N5234
6.2
20
7
1000
0.25
5
4
<+0.045
1N5235
6.8
20
5
750
0.25
3
5
<+0.050
1N5236
7.5
20
6
500
0.25
3
6
<+0.058
1N5237
8.2
20
8
500
0.25
3
6.5
<+0.062
1N5238
8.7
20
8
600
0.25
3
6.5
<+0.065
1N5239
9.1
20
10
600
0.25
3
7
<+0.068
1N5240
10
20
17
600
0.25
3
8
<+0.075
1N5241
11
20
22
600
0.25
2
8.4
<+0.076
1N5242
12
20
30
600
0.25
1
9.1
<+0.077
1N5243
13
9.5
13
600
0.25
0.5
9.9
<+0.079
1N5244
14
9
15
600
0.25
0.1
10
<+0.082
1N5245
15
8.5
16
600
0.25
0.1
11
<+0.082
1N5246
16
7.8
17
600
0.25
0.1
12
<+0.083
1N5247
17
7.4
19
600
0.25
0.1
13
<+0.084
1N5248
18
7
21
600
0.25
0.1
14
<+0.085
1N5249
19
6.6
23
600
0.25
0.1
14
<+0.086
1N5250
20
6.2
25
600
0.25
0.1
15
<+0.086
1N5251
22
5.6
29
600
0.25
0.1
17
<+0.087
1N5252
24
5.2
33
600
0.25
0.1
18
<+0.088
1N5253
25
5
35
600
0.25
0.1
19
<+0.089
1N5254
27
4.6
41
600
0.25
0.1
21
<+0.090
1N5255
28
4.5
44
600
0.25
0.1
21
<+0.091
1N5256
30
4.2
49
600
0.25
0.1
23
<+0.091
1N5257
33
3.8
58
700
0.25
0.1
25
<+0.092
1N5258
36
3.4
70
700
0.25
0.1
27
<+0.093
1N5259
39
3.2
80
800
0.25
0.1
30
<+0.094
1N5260
43
3
93
900
0.25
0.1
33
<+0.095
1N5261
47
2.7
105
1000
0.25
0.1
36
<+0.095
1N5262
51
2.5
125
1100
0.25
0.1
39
<+0.096
1N5263
56
2.2
150
1300
0.25
0.1
43
<+0.096
1N5264
60
2.1
170
1400
0.25
0.1
46
<+0.097
1N5265
62
2
185
1400
0.25
0.1
47
<+0.097
1N5266
68
1.8
230
1600
0.25
0.1
52
<+0.097
Zowie Technology Corporation
REV. 0
1N5220...1N5281
Zowie Technology Corporation


Numéro de pièce similaire - 1N5245

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N5245 SURGE-1N5245 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Jinan Jingheng (Group) ...
1N5245 JINANJINGHENG-1N5245 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5245 HORNBY-1N5245 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5245 SEME-LAB-1N5245 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5245 MCC-1N5245 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Description similaire - 1N5245

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com