Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM150HB-11005S-UZ Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AM150HB-11005S-UZ
Description  150 Watt | Half Brick DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM150HB-11005S-UZ Fiches technique(HTML) 3 Page - AIMTEC

  AM150HB-11005S-UZ Datasheet HTML 1Page - AIMTEC AM150HB-11005S-UZ Datasheet HTML 2Page - AIMTEC AM150HB-11005S-UZ Datasheet HTML 3Page - AIMTEC AM150HB-11005S-UZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM150HB-UZ
150 Watt | Half Brick DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 054e R3.F
3 of 4
North America only
Derating:
020
40
60
80
100
80
60
40
20
0
Safe
Operating
Area
85
Ambient Temperature º C
A
B
C
D
100
E
A
Free Air
B
100 LFM
C
200 LFM
D
300 LFM
E
400 LFM
Typical Application:
Aimtec’s half brick models can operate independently. However, to enhance their performance and to ensure precision of the
output signal parameters the following connections are recommended:
Output Ripple and Noise Measurement test setup:
Please refer to our Application note: Ripple and Noise Measurement of Brick & POL DC-DC Converters.
ON/OFF Control:
The converter output can be disabled by moving SW to position “a“–
connected to –Vin with voltage level between -0.7 and 0.4V.
When SW is open in position “b”, the converter is ON and operates normally.


Numéro de pièce similaire - AM150HB-11005S-UZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM150HB-11012S-NZ AIMTEC-AM150HB-11012S-NZ Datasheet
671Kb / 6P
   DC-DC Converter
AM150HB-11015S-NZ AIMTEC-AM150HB-11015S-NZ Datasheet
671Kb / 6P
   DC-DC Converter
AM150HB-11024S-NZ AIMTEC-AM150HB-11024S-NZ Datasheet
671Kb / 6P
   DC-DC Converter
More results

Description similaire - AM150HB-11005S-UZ

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
   150 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
   150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IRH MURATA-PS-IRH Datasheet
3Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
logo
Murata Manufacturing Co...
IRH-12-12.5-T110 MURATA1-IRH-12-12.5-T110 Datasheet
2Mb / 30P
   Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
2020
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
   100 Watt | Half Brick DC-DC Converter
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com