Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2903D Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce LM2903D
Description  SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2903D Fiches technique(HTML) 3 Page - Motorola, Inc

  LM2903D Datasheet HTML 1Page - Motorola, Inc LM2903D Datasheet HTML 2Page - Motorola, Inc LM2903D Datasheet HTML 3Page - Motorola, Inc LM2903D Datasheet HTML 4Page - Motorola, Inc LM2903D Datasheet HTML 5Page - Motorola, Inc LM2903D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LM393, LM393A, LM293, LM2903, LM2903V
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, Tlow ≤ TA ≤ Thigh,* unless otherwise noted.)
Ch
i i
Sb l
LM393A
Ui
Characteristic
Symbol
Min
Typ
Max
Unit
Output Leakage Current
IOL
µA
Vin– = 0 V, Vin+ ≥ 1.0 Vdc, VO = 5.0 Vdc, TA= 25°C
0.1
Vin– = 0 V, Vin+ ≥ 1.0 Vdc, VO = 30 Vdc, Tlow ≤ TA ≤ Thigh
1.0
Supply Current
ICC
mA
RL = ∞ Both Comparators, TA = 25°C
0.4
1.0
RL = ∞ Both Comparators, VCC = 30 V
1.0
2.5
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, Tlow ≤ TA ≤ Thigh, unless otherwise noted.)
Ch
i i
Sb l
LM392, LM393
LM2903, LM2903V
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 2)
VIO
mV
TA = 25°C
±1.0
±5.0
±2.0
±7.0
Tlow ≤ TA ≤ Thigh
9.0
9.0
15
Input Offset Current
IIO
nA
TA = 25°C
±5.0
±50
±5.0
±50
Tlow ≤ TA ≤ Thigh
±150
±50
±200
Input Bias Current (Note 3)
IIB
nA
TA = 25°C
25
250
25
250
Tlow ≤ TA ≤ Thigh
400
200
500
Input Common Mode Voltage Range (Note 3)
VICR
V
TA = 25°C
0
VCC –1.5
0
VCC –1.5
Tlow ≤ TA ≤ Thigh
0
VCC –2.0
0
VCC –2.0
Voltage Gain
AVOL
50
200
25
200
V/mV
RL ≥ 15 kΩ, VCC = 15 Vdc, TA = 25°C
Large Signal Response Time
300
300
ns
Vin = TTL Logic Swing, Vref = 1.4 Vdc
VRL = 5.0 Vdc, RL = 5.1 kΩ, TA = 25°C
Response Time (Note 5)
tTLH
1.3
1.5
µs
VRL = 5.0 Vdc, RL = 5.1 kΩ, TA = 25°C
Input Differential Voltage (Note 6)
VID
VCC
VCC
V
All Vin ≥ Gnd or V– Supply (if used)
Output Sink Current
ISink
6.0
16
6.0
16
mA
Vin ≥ 1.0 Vdc, Vin+ = 0 Vdc, VO ≤ 1.5 Vdc TA = 25°C
Output Saturation Voltage
VOL
mV
Vin ≥ 1.0 Vdc, Vin+ = 0, ISink ≤ 4.0 mA, TA = 25°C
150
400
400
Tlow ≤ TA ≤ Thigh
700
200
700
Output Leakage Current
IOL
nA
Vin– = 0 V, Vin+ ≥ 1.0 Vdc, VO = 5.0 Vdc, TA = 25°C
0.1
0.1
Vin– = 0 V, Vin+ ≥ 1.0 Vdc, VO = 30 Vdc,
Tlow ≤ TA ≤ Thigh
1000
1000
Supply Current
ICC
mA
RL = ∞ Both Comparators, TA = 25°C
0.4
1.0
0.4
1.0
RL = ∞ Both Comparators, VCC = 30 V
2.5
2.5
*Tlow = 0°C, Thigh = +70°C for LM393/393A
LM293 Tlow = –25°C, Thigh = +85°C
LM2903 Tlow = –40°C, Thigh = +105°C
LM2903V Tlow = –40°C, Thigh = +125°C
NOTES: 2. At output switch point, VO]1.4 Vdc, RS = 0 Ω with VCC from 5.0 Vdc to 30 Vdc, and over the full input common mode range (0 V to VCC = –1.5 V).
3. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant, independent of the output state, there
fore, no loading changes will exist on the input lines.
5. Response time is specified with a 100 mV step and 5.0 mV of overdrive. With larger magnitudes of overdrive faster response times are obtainable.
6. The comparator will exhibit proper output state if one of the inputs becomes greater than VCC, the other input must remain within the common mode
range. The low input state must not be less than –0.3 V of ground or minus supply.


Numéro de pièce similaire - LM2903D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LM2903D PHILIPS-LM2903D Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM2903D TI1-LM2903D Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
STMicroelectronics
LM2903D STMICROELECTRONICS-LM2903D Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Texas Instruments
LM2903D TI1-LM2903D Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903D TI-LM2903D Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Description similaire - LM2903D

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX976 MAXIM-MAX976 Datasheet
120Kb / 8P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com