Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1117B Fiches technique(PDF) 3 Page - Silicon Touch Technology Inc.

No de pièce ST1117B
Description  Single Coil Brushless DC Motor Drivers ( 1.5 to 8.5 Volts )
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITI [Silicon Touch Technology Inc.]
Site Internet  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1117B Fiches technique(HTML) 3 Page - Silicon Touch Technology Inc.

  ST1117B Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1117A / ST1117B /ST1117C
SP-ST1117ABC-A.007
Version
:A.007
Page
:2
Absolute Maximum Ratings ( Unless otherwise noted, TA = 25 °C )
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
7.5
V
Input Voltage from a Hall Effect Latch Output
VIN
VDD+0.4
V
Output Current
IOUT
400
mA
Output Current at Lock
IOL
700
mA
Power Dissipation
PD
350
mW
Operating Temperature Range
TOPR
-40 ~ 125
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Operating Junction Temperature
TJ
125
°C
Thermal Resistance, Junction to Ambient
θJA
218
°C/ W
Notes:* The maximum power supply voltage & output current must be under the allowable package power dissipation.
Electrical Characteristics ( TA= 25°C , VDD= 5V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
Operating
1.5
5
7.5
V
HP/HN input Terminal ( TJ = 25℃)
Hall input sensitivity
VHN
Zero to peak
-
7
25
mV
PWM input Terminal ( TJ = 25℃)
Input Voltage “H”
VIH
-
0.5*VDD
-
VDD+0.4
V
Input Voltage “L”
VIL
-
-0.4
-
0.15*VDD
V
Input Current “H”
IIH
VIN = VDD
-
-
±
1
μ
A
Input Current “L”
IIL
VIN = 0V
-
-
±
1
mA
O1/O2 Output Terminal ( TJ = 25℃)
Output Voltage High
VOH
IOUT = 300 mA
4.6
-
-
V
Output Voltage Low
VOL
IOUT = 300 mA
-
-
0.3
V
Output Current
IOUT
RL = 30Ω
-
150
-
mA
FGR Open-Drain Terminal ( TJ = 25℃)
Output Leakage Current
ILeak
VFGR = 5V
-
-
1
μ
A
Output Current
IFGR
VFGROL = 0.4V
5
-
-
mA
Output Voltage Low
VFGROL
IFGR= 5 mA
-
-
0.4
V
Automatic Self-Restart Circuit
On Time
TON
-
-
175
-
ms
Duty Ratio
RDR
TOFF / TON
6
7
8


Numéro de pièce similaire - ST1117B

FabricantNo de pièceFiches techniqueDescription
logo
Seiko Instruments Inc
ST111 SII-ST111 Datasheet
406Kb / 23P
   HIGH RIPPLE-REJECTION
logo
E-SWITCH
ST111000 E-SWITCH-ST111000 Datasheet
158Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111001 E-SWITCH-ST111001 Datasheet
115Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111003 E-SWITCH-ST111003 Datasheet
127Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111004 E-SWITCH-ST111004 Datasheet
120Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST1117B

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Touch Technolog...
ST1111N SITI-ST1111N Datasheet
122Kb / 7P
   Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
ST1111J SITI-ST1111J Datasheet
180Kb / 8P
   PWM Input Control Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
FD177 SITI-FD177 Datasheet
251Kb / 8P
   Single Coil Brushless DC Motor Drivers with Soft-Switching( 2.0 to 6.5 Volts )
11-FD212 SITI-11-FD212 Datasheet
196Kb / 8P
   Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 5.5 Volts )
ST1112S SITI-ST1112S Datasheet
372Kb / 9P
   Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 7.5 Volts )
FD178 SITI-FD178 Datasheet
302Kb / 10P
   Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control ( 2.0 to 6.5 Volts )
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1114E SITI-ST1114E Datasheet
126Kb / 7P
   Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Rohm
BD6989FVM-TR ROHM-BD6989FVM-TR Datasheet
1Mb / 17P
   Low-voltage Single-phase Full-wave DC Brushless Fan Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com