Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1114E Fiches technique(PDF) 5 Page - Silicon Touch Technology Inc.

No de pièce ST1114E
Description  Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITI [Silicon Touch Technology Inc.]
Site Internet  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1114E Fiches technique(HTML) 5 Page - Silicon Touch Technology Inc.

  ST1114E Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1114E Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1114E/ST1114K/ST1114P
SP-ST1114EKP-A.011
Version
:A.011
Page
:4
Truth Table
HIN
O1
O2
State
H
OFF
ON
Operation
L
ON
OFF
Operation
H/L
OFF
OFF
Lock protection
H
OFF
ON
Self restart*
L
ON
OFF
Self restart*
*The motor will be powered up by turn on output drivers for a period about 156ms
per 1.25sec (at VDD = 12V) through self-restart mechanism after the motor is
locked.
Block Diagram & Application Circuit
HALL
IC
LOGIC
BLOCK
+
-
FG
LOCK DETECTION
and PROTECTION
TACHO
GENERATOR
VDD
HIN
GND
FG
O1
O2
POWER
R1
VDD
To
Controller
Power


Numéro de pièce similaire - ST1114E

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Touch Technolog...
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
ST1114L SITI-ST1114L Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
ST1114M SITI-ST1114M Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
More results

Description similaire - ST1114E

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Touch Technolog...
ST1116B SITI-ST1116B Datasheet
179Kb / 7P
   Variable Speed Double Coil DC Brushless Motor Driver
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1117A SITI-ST1117A Datasheet
225Kb / 7P
   Single Coil Brushless DC Motor Drivers ( 1.5 to 8.5 Volts )
ST1111N SITI-ST1111N Datasheet
122Kb / 7P
   Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1111J SITI-ST1111J Datasheet
180Kb / 8P
   PWM Input Control Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com