Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM135B Fiches technique(PDF) 11 Page - Silicon Touch Technology Inc.

No de pièce DM135B
Description  16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITI [Silicon Touch Technology Inc.]
Site Internet  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM135B Fiches technique(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DM135B Datasheet HTML 7Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 8Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 9Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 10Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 11Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 12Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 13Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 14Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 15Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DM134B
DM135B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-10-
Version
:A.006
Output Current vs. External Resistor
DM134B
DM135B
Note:
The resistor should be placed as close to the Rext terminal as possible to avoid the noise
influence.
Conditions: Vref=1.28V
DM134B:Iout ≈ Vref / Rext * 13.1,
DM135B:Iout ≈ Vref / Rext * 13.7.
20
30
40
50
60
70
80
90
10 0
0
2 00
4 0 0
6 00
8 0 0
Re xt
( O h m )
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
0
500
10001500
2000250030003500
Rext (Ohm)


Numéro de pièce similaire - DM135B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DM135B ETC-DM135B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
More results

Description similaire - DM135B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com