Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCA8042 Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TPCA8042
Description  Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8042 Fiches technique(HTML) 6 Page - Toshiba Semiconductor

  TPCA8042 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCA8042
2008-06-24
6
100
t = 10 ms *
1 ms *
0.1
1
10
100
0.1
1
1000
VDSS max
10
0.1
0.001
0.01
0.1
1
10
100
1000
1
10
100
1000
(2)
(1)
(3)
(1)
(2)
0
0.5
1
1.5
2
0
40
80
160
120
2.5
3
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Tc = 25℃
rth tw
Single pulse
Pulse width
tw (s)
Case temperature
Ta
(°C)
PD – Tc
Drain
source voltage VDS (V)
Safe operating area
ID max (Pulse) *
* Single pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
PD – Ta
Ambient temperature
Ta
(°C)
(1) Device mounted on a
glass-epoxy board (a) (Note 2a)
(2) Device mounted on a
glass-epoxy board (b) (Note 2b)
t
= 10 s
0
40
80
160
120
50
0
10
20
30
40


Numéro de pièce similaire - TPCA8042

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8042 TOSHIBA-TPCA8042 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8042 VBSEMI-TPCA8042 Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Description similaire - TPCA8042

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCM8006 TOSHIBA-TPCM8006 Datasheet
206Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
SSM3K318T TOSHIBA-SSM3K318T Datasheet
219Kb / 6P
   Field-Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCA8026 TOSHIBA-TPCA8026 Datasheet
159Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCP8004 TOSHIBA-TPCP8004 Datasheet
196Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
logo
National Semiconductor ...
TPCT4202 NSC-TPCT4202 Datasheet
259Kb / 4P
   Field effect Transistor Silicon N Channel MOS Type(U-MOS)
logo
Toshiba Semiconductor
TPCC8008 TOSHIBA-TPCC8008 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPCA8040-H TOSHIBA-TPCA8040-H Datasheet
148Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com