Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPC8119 Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TPC8119
Description  Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8119 Fiches technique(HTML) 6 Page - Toshiba Semiconductor

  TPC8119 Datasheet HTML 1Page - Toshiba Semiconductor TPC8119 Datasheet HTML 2Page - Toshiba Semiconductor TPC8119 Datasheet HTML 3Page - Toshiba Semiconductor TPC8119 Datasheet HTML 4Page - Toshiba Semiconductor TPC8119 Datasheet HTML 5Page - Toshiba Semiconductor TPC8119 Datasheet HTML 6Page - Toshiba Semiconductor TPC8119 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPC8119
2009-09-29
6
t = 10 ms *
1 ms *
VDSS max
−0.1
−1
−10
−100
−0.1
−1
−10
−100
0.1
0.001
0.01
0.1
1
10
100
1000
10
100
1000
(2)
(1)
1
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
rth − tw
Single-pulse
Pulse width tw (s)
Drain
−source voltage VDS (V)
Safe operating area
ID max (Pulse) *
* Single-pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.


Numéro de pièce similaire - TPC8119

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8119 TOSHIBA-TPC8119 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Description similaire - TPC8119

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC6111 TOSHIBA-TPC6111 Datasheet
207Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)
SSM3J307T TOSHIBA-SSM3J307T Datasheet
213Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)
SSM3J129TU TOSHIBA-SSM3J129TU Datasheet
193Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com