Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SZ126FU Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC7SZ126FU
Description  Bus Buffer 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ126FU Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ126FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ126FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ126FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ126FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ126FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ126FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ126FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7SZ126F/FU
2009-09-18
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
VCC
× 0.88
VCC
× 0.88
High level
VIH
2.3 to
5.5
VCC
× 0.75
VCC
× 0.75
1.8
VCC
× 0.12
VCC
× 0.12
Input voltage
Low level
VIL
2.3 to
5.5
VCC
× 0.25
VCC
× 0.25
V
1.8
1.7
1.8
1.7
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = −100 μA
4.5
4.4
4.5
4.4
IOH = −8 mA
2.3
1.9
2.15
1.9
IOH = −16 mA
3.0
2.4
2.8
2.4
IOH = −24 mA
3.0
2.3
2.68
2.3
High level
VOH VIN = VIH
IOH = −32 mA
4.5
3.8
4.2
3.8
1.8
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Output voltage
Low level
VOL
VIN = VIH
or VIL
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage current
IIN
VIN = 5.5 V or GND
0 to 5.5
±1
±10
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 5.5 V
1.8 to
5.5
±1
±10
μA
Power off leakage current
IOFF VIN or VOUT = 5.5 V
0.0
1
10
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2
20
μA


Numéro de pièce similaire - TC7SZ126FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SZ126FU TOSHIBA-TC7SZ126FU Datasheet
186Kb / 5P
   BUS BUFFER, 3-STATE OUTPUT
TC7SZ126FU TOSHIBA-TC7SZ126FU Datasheet
210Kb / 7P
   Bus Buffer 3-State Output
More results

Description similaire - TC7SZ126FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SZ126F TOSHIBA-TC7SZ126F Datasheet
186Kb / 5P
   BUS BUFFER, 3-STATE OUTPUT
TC7SZ125F TOSHIBA-TC7SZ125F Datasheet
188Kb / 5P
   BUS BUFFER 3-STATE OUTPUT
TC7SH125F TOSHIBA-TC7SH125F_09 Datasheet
174Kb / 6P
   Bus Buffer 3-STATE Output
TC7SZ125F TOSHIBA-TC7SZ125F_07 Datasheet
191Kb / 7P
   Bus Buffer 3-State Output
TC7SZ126F TOSHIBA-TC7SZ126F_07 Datasheet
210Kb / 7P
   Bus Buffer 3-State Output
TC7SZ125AFS TOSHIBA-TC7SZ125AFS Datasheet
162Kb / 6P
   Bus Buffer 3-State Output
TC7SZ125F TOSHIBA-TC7SZ125F_09 Datasheet
180Kb / 7P
   Bus Buffer 3-State Output
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com