Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SZ34AFS Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC7SZ34AFS
Description  NON-INVERTER BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ34AFS Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC7SZ34AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ34AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ34AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ34AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ34AFS Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ34AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7SZ34AFS
2009-09-09
2
IEC Logic Symbol
Truth Table
A
Y
L
L
H
H
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.65 to 5.5
Supply voltage
VCC
1.5 to 5.5
(Note 2)
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
0 to 20 (VCC = 1.80 V±0.15V, 2.5 V ± 0.2 V)
0 to 10 (VCC = 3.3 V ± 0.3 V)
Input rise time fall time
dt/dv
0 to 5 (VCC = 5.0 V ± 0.5 V)
ns/V
Note 2: Data retention only
IN A
1
OUT Y


Numéro de pièce similaire - TC7SZ34AFS

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SZ34F TOSHIBA-TC7SZ34F Datasheet
175Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ34FE TOSHIBA-TC7SZ34FE Datasheet
158Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ34FU TOSHIBA-TC7SZ34FU Datasheet
175Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ34FU TOSHIBA-TC7SZ34FU_12 Datasheet
175Kb / 7P
   Non-Inverter
TC7SZ34F TOSHIBA-TC7SZ34F_12 Datasheet
175Kb / 7P
   Non-Inverter
More results

Description similaire - TC7SZ34AFS

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SH34F TOSHIBA-TC7SH34F_09 Datasheet
173Kb / 7P
   Non-Inverter Buffer
TC7SA34F TOSHIBA-TC7SA34F_07 Datasheet
208Kb / 8P
   Non-Inverter
TC7SG34FU TOSHIBA-TC7SG34FU Datasheet
170Kb / 6P
   NON-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE_09 Datasheet
169Kb / 6P
   NON-Inverter
TC7SZ34F TOSHIBA-TC7SZ34F_12 Datasheet
175Kb / 7P
   Non-Inverter
TC7SG34AFS TOSHIBA-TC7SG34AFS Datasheet
175Kb / 6P
   Non-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE Datasheet
165Kb / 6P
   NON-Inverter
logo
National Semiconductor ...
MM54HC34 NSC-MM54HC34 Datasheet
97Kb / 4P
   Non-Inverter
MM74HCT34 NSC-MM74HCT34 Datasheet
125Kb / 3P
   Non-Inverter
logo
Toshiba Semiconductor
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com