Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SZ02F Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC7SZ02F
Description  2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ02F Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC7SZ02F_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ02F_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7SZ02F/FU
2009-06-09
2
IEC Logic Symbol
Truth Table
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.8 to 5.5
Supply voltage
VCC
1.5 to 5.5
(Note 4)
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 5)
Output voltage
VOUT
0 to VCC
(Note 6)
V
Operating temperature
Topr
−40 to 85
°C
0 to 20 (VCC = 1.8 V, 2.5 V ± 0.2 V)
0 to 10 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0 to 5 (VCC = 5.0 V ± 0.5 V)
ns/V
Note 4: Data retention only
Note 5: VCC = 0 V
Note 6: High or Low state
OUT Y
IN A
> 1
IN B


Numéro de pièce similaire - TC7SZ02F_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SZ02F TOSHIBA-TC7SZ02F_07 Datasheet
175Kb / 7P
   2 INPUT NOR GATE
More results

Description similaire - TC7SZ02F_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com