Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MBL3253CFK Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC7MBL3253CFK
Description  CMOS Digital Integrated Circuit Silicon Monolithic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3253CFK Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC7MBL3253CFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL3253CFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL3253CFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3253CFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3253CFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3253CFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL3253CFK Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL3253CFK Datasheet HTML 8Page - Toshiba Semiconductor TC7MBL3253CFK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC7MBL3253CFT/FK/FTG
2009-02-02
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MBL3253CFT,TC7MBL3253CFK,TC7MBL3253CFTG
Dual 1-of-4 FET Multiplexer/Demultiplexer
The TC7MBL3253C is a Low Voltage/Low Capacitance CMOS
2bit 1-of-4 Multiplexer/Demultiplexer. The low on-resistance of
the switch allows connections to be made with minimal
propagation delay time.
This
device
consists
of
two
individual
four-inputs
multiplexer/demultiplexer with common select input (S1, S0) and
output enable ( OE ). The A input is connected to the B1 to B4
outputs as determined by the combination of both the select
input (S1, S0) and output enable ( OE ). When the output enable
( OE ) input is held at “H” level, the switches are open regardless
of the state of the select inputs, and a high-impedance state
exists between the switches.
All inputs are equipped with protection circuits against static
discharge.
Features
• Operating voltage: VCC = 1.65 to 3.6 V
• On-capacitance:
CI/O = 13 pF Switch On (typ.) @ VCC= 3 V
• On-resistance:
RON = 9 Ω (typ.) @ VCC= 3 V, VI/O= 0 V
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Power-down protection for inputs ( OE and I/O)
• Package: TSSOP16, VSSOP16 (US16), VQON16
Note: When mounting VQON package, the type of recommended
flux is RA or RMA.
Pin Assignment (top view)
TC7MBL3253CFT
TC7MBL3253CFK
TC7MBL3253CFTG
Weight
TSSOP16-P-0044-0.65A:
0.06 g (typ.)
VSSOP16-P-0030-0.50:
0.02 g (typ.)
VQON16-P-0303-0.50:
0.013 g (typ.)
(top view)
VCC
16
S0
2B4
15
14
13
OE
1
1
2
3
4
1B3
S1
1B4
2B3
12
2B2
2B1
2A
11
10
9
1B2
5
6
7
8
GND
1B1
1A
FT (TSSOP16-P-0044-0.65A)
FK (VSSOP16-P-0030-0.50)
OE
2
1
2
3
4
S1
1B4
1B3
16
15
14
13
VCC
5
678
1A GND 2A 2B1
12
11
10
9
2B4
2B3
2B2
FTG (VQON16-P-0303-0.50)
S0
OE
2
OE
1
1B2
1B1


Numéro de pièce similaire - TC7MBL3253CFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257CFK TOSHIBA-TC7MBL3257CFK Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
More results

Description similaire - TC7MBL3253CFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com