Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MBL3245AFK Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC7MBL3245AFK
Description  Octal Low Voltage Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3245AFK Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC7MBL3245AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7MBL3245AFT/FK
2008-09-01
3
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristic
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Unit
High-level control input voltage
VIH
2.0 to 3.6
0.7
×
VCC
Low-level control input voltage
VIL
2.0 to 3.6
0.3
×
VCC
V
Control input current
IIN
VIN = 0 to 3.6 V
2.0 to 3.6
±1.0
μA
Power off leakage current
IOFF
OE
= 0 to 3.6 V
0
±1.0
μA
Off-stage leakage current
(switch off)
ISZ
A, B
= 0 to VCC, OE = VCC
2.0 to 3.6
±1.0
μA
VIS = 0 V, IIS = 30 mA
(Note 1)
3.0
2
7
VIS = 3.0 V, IIS = 30 mA
(Note 1)
3.0
3
9
VIS = 2.4 V, IIS = 15 mA
(Note 1)
3.0
5
20
VIS = 0 V, IIS = 24 mA
(Note 1)
2.3
3
10
Switch ON-resistance
(Note 2)
RON
VIS = 2.3 V, IIS = 24 mA
(Note 1)
2.3
4
15
Ω
Quiescent supply current
ICC
VIN = VCC or GND, IOUT = 0
3.6
10
μA
Note 1: All typical values are at Ta
= 25°C.
Note 2: Measured by voltage drop between A and B pins at indicated current through the switch. ON-resistance is
determined by the lower of the voltages on the two pins (A or B).
AC Characteristics (Ta = −40 to 85°C)
Characteristic
Symbol
Test Condition
VCC (V)
Min
Max
Unit
3.3
± 0.3
0.31
Propagation delay (bus to bus)
tpLH
tpHL
Figure 1, Figure 2
(Note)
2.5
± 0.2
0.52
ns
3.3
± 0.3
6.5
Output enable time
tpZL
tpZH
Figure 1, Figure 3
2.5
± 0.2
8
ns
3.3
± 0.3
6.5
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
2.5
± 0.2
8
ns
Note:
This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical ON-resistance of the switch and the 50 pF load capacitance when
driven by an ideal voltage from the source (zero output impedance).
Capacitance (Ta = 25°C)
Characteristic
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control input capacitance
CIN
3.0
3
pF
Switch terminal capacitance
CI/O
OE
= VCC
3.0
17
pF
Note :
This parameter is guaranteed by design.


Numéro de pièce similaire - TC7MBL3245AFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
167Kb / 6P
   Octal Bus Switch
More results

Description similaire - TC7MBL3245AFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
logo
Renesas Technology Corp
74CBTLV3244 RENESAS-74CBTLV3244 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Texas Instruments
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com