Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MB3251FK Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC7MB3251FK
Description  1-of-8 FET Multiplexer/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MB3251FK Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC7MB3251FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MB3251FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MB3251FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MB3251FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MB3251FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MB3251FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MB3251FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MB3251FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC7MB3251FT/FK
2008-09-01
3
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Power supply range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC switch voltage
VS
−0.5 to 7.0
V
Input diode current
IIK
−50
mA
Continuous channel current
IS
128
mA
Power dissipation
PD
180
mW
DC VCC/GND current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5 to 5.5
V
Input voltage (
OE , S)
VIN
0 to 5.5
V
Switch voltage
VS
0 to 5.5
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Numéro de pièce similaire - TC7MB3251FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
More results

Description similaire - TC7MB3251FK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
   1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
CBT3251 NEXPERIA-CBT3251 Datasheet
227Kb / 11P
   1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
logo
NXP Semiconductors
CBT3251 PHILIPS-CBT3251 Datasheet
93Kb / 10P
   CBT3251 1-of-8 FET multiplexer/demultiplexer
2002 Sep 09
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251_07 Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV3251PWRG4 TI-74CBTLV3251PWRG4 Datasheet
911Kb / 19P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
380Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com