Moteur de recherche de fiches techniques de composants électroniques |
|
LA2018N3214 Fiches technique(PDF) 3 Page - American Accurate Components, Inc. |
|
LA2018N3214 Fiches technique(HTML) 3 Page - American Accurate Components, Inc. |
3 / 3 page Broadband Low Noise Small Signal Amp 0.3 to 18GHz The content of this specification may change without notification 8/01/09 188 Technology Drive, Unit H, Irvine, CA 92618 Tel: 949-453-9888 Fax: 949-453-8889 Email: sales@aacix.com 3 American Accurate Components, Inc. Amplifiers Coaxial Broadband Low Noise Small Signal Amplifiers 0.3 to 18GHz Continued P/N Freq. Range Gain (dB) Noise Figure (dB) Pout@1dB (dBm) Flatness (dB) IP3 (dBm) VSWR Current +12V (mA) Case (GHz) Min Max Max Min Max Typ Max Typ LA8012N4910 8 - 12 45 53 4.0 10 ± 1.8 25 2:1 400 8I,46 LA8014N2109 8 - 14 18 24 2.5 9 ± 1.4 20 2:1 150 4I,3MH LA8014N2810 8 - 14 25 31 2.5 10 ± 1.4 20 2:1 250 4I,4MH LA8014N3510 8 - 14 32 38 2.5 10 ± 1.4 20 2:1 300 6I,6MH LA8012N1713 8 - 12 14 20 4.0 13 ± 1.4 20 2:1 150 2I,2MH LA8012N2113A 8 - 12 18 24 3.0 13 ± 1.2 20 2:1 150 4I,3MH LA8012N2815A 8 - 12 25 31 3.0 15 ± 1.4 20 2:1 250 4I,4MH LA8012N3515A 8 - 12 32 38 3.5 15 ± 1.4 20 2:1 300 6I,6MH LA8012N4215A 8 - 12 39 46 3.5 15 ± 1.4 25 2:1 350 8I,46 LA8012N4915A 8 - 12 45 53 4.0 15 ± 2.0 25 2:1 400 8I,46 LA8012N2113B 8 - 12 18 24 2.5 13 ± 1.2 20 2:1 150 4I,3MH LA8012N2815B 8 - 12 25 31 2.5 15 ± 1.4 20 2:1 250 4I,4MH LA8012N3515B 8 - 12 32 38 2.5 15 ± 1.4 20 2:1 300 6I,6MH LA8012N4215B 8 - 12 39 46 2.5 15 ± 1.4 25 2:1 350 8I,46 LA8012N4915B 8 - 12 45 53 2.5 15 ± 2.0 25 2:1 400 8I,46 LA8018N1709 8 - 18 14 20 4.0 9 ± 1.4 20 2:1 180 2I,2MH LA8018N2109 8 - 18 18 24 3.0 9 ± 1.4 20 2:1 180 4I,3MH LA8018N2810 8 - 18 25 32 3.0 10 ± 1.5 20 2:1 280 4I,4MH LA8018N3510 8 - 18 32 39 3.5 10 ± 1.8 20 2:1 350 6I,6MH LA8018N4210 8 - 18 39 46 3.5 10 ± 2.0 25 2:1 380 8I,46 LA8018N4910 8 - 18 45 53 4.0 10 ± 2.0 25 2:1 450 8I,46 LA8018N1713 8 - 18 14 20 4.0 13 ± 1.8 20 2:1 180 2I,2MH LA8018N2113 8 - 18 18 24 3.0 13 ± 1.4 20 2:1 180 4I,3MH LA8018N2815 8 - 18 25 32 3.0 15 ± 1.5 20 2:1 280 4I,4MH LA8018N3515 8 - 18 32 39 3.5 15 ± 1.8 20 2:1 350 6I,6MH LA8018N4215 8 - 18 39 46 3.5 15 ± 2.0 25 2:1 380 8I,46 LA8018N4915 8 - 18 45 53 4.0 15 ± 2.0 25 2:1 450 8I,46 Notes: 1. Operating Temperature : -55 OC to +85 OC. Storage Temperature : -60 OC to +90 OC. 2. All products have built-in voltage regulators, which can operate from +10V to +18VDC. 3. Many kinds of cases are in stock; such as 08,10,46,55 and so on, special housings are available. 4. Connectors for MH case are detachable, insulator input and output after removal of connectors. 5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW and 1% duty cycle. 6. Custom Design Available |
Numéro de pièce similaire - LA2018N3214 |
|
Description similaire - LA2018N3214 |