Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA2080N2109 Fiches technique(PDF) 2 Page - American Accurate Components, Inc.

No de pièce LA2080N2109
Description  Broadband Low Noise Small Signal Amp 0.3 to 18GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAC [American Accurate Components, Inc.]
Site Internet  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

LA2080N2109 Fiches technique(HTML) 2 Page - American Accurate Components, Inc.

  LA2080N2109 Datasheet HTML 1Page - American Accurate Components, Inc. LA2080N2109 Datasheet HTML 2Page - American Accurate Components, Inc. LA2080N2109 Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
2
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Low Noise Small Signal Amplifiers
0.3 to 18GHz
Continued
P/N
Freq. Range
Gain
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSWR
Current
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
LA2018N2414
2 - 18
21
28
5.0
14
± 2.0
23
2.2:1
280
4I,4MH
LA2018N3214
2 - 18
28
36
5.0
14
± 2.2
23
2.2:1
300
6I,6MH
LA2018N4014
2 - 18
36
45
5.5
14
± 2.5
23
2.5:1
400
6I,6MH
LA4080N1709
4 - 8
14
20
3.5
9
± 1.3
20
2:1
150
2I,2MH
LA4080N2109
4 - 8
18
24
3.0
9
± 1.3
20
2:1
150
4I,3MH
LA4080N2810A
4 - 8
25
31
3.0
10
± 1.3
20
2:1
250
4I,4MH
LA4080N3510A
4 - 8
32
39
3.5
10
± 1.5
25
2:1
250
6I,6MH
LA4080N4210A
4 - 8
38
46
3.5
10
± 1.8
25
2:1
350
6I,6MH
LA4080N2810B
4 - 8
25
31
2.0
10
± 1.3
20
2:1
250
4I,4MH
LA4080N3510B
4 - 8
32
39
2.0
10
± 1.5
25
2:1
250
6I,6MH
LA4080N4210B
4 - 8
38
46
2.0
10
± 1.8
25
2:1
350
6I,6MH
LA4080N1713
4 - 8
14
20
3.5
13
± 1.3
20
2:1
150
4I,4MH
LA4080N2113A
4 - 8
18
24
3.0
13
± 1.3
20
2:1
150
4I,3MH
LA4080N2815A
4 - 8
25
31
3.0
15
± 1.3
20
2:1
250
4I,4MH
LA4080N3515A
4 - 8
32
39
3.0
15
± 1.5
25
2:1
300
6I,6MH
LA4080N4215A
4 - 8
38
46
3.5
15
± 1.8
25
2:1
350
6I,6MH
LA4080N2113B
4 - 8
18
24
2.0
13
± 1.3
20
2:1
150
4I,3MH
LA4080N2815B
4 - 8
25
31
2.0
15
± 1.3
20
2:1
250
4I,4MH
LA4080N3515B
4 - 8
32
39
2.0
15
± 1.5
25
2:1
300
6I,6MH
LA4080N4215B
4 - 8
38
46
2.0
15
± 1.8
25
2:1
350
6I,6MH
LA6018N1409
6 - 18
11
17
4.0
9
± 1.8
20
2:1
180
2I,2MH
LA6018N2109
6 - 18
18
24
3.5
9
± 1.5
20
2:1
180
4I,3MH
LA6018N2810
6 - 18
25
32
3.0
10
± 1.5
20
2:1
280
4I,4MH
LA6018N3510
6 - 18
31
39
3.5
10
± 1.8
25
2:1
350
6I,6MH
LA6018N4210
6 - 18
38
46
3.5
10
± 1.8
25
2:1
380
8I,46
LA6018N4910
6 - 18
45
53
4.0
10
± 2.0
25
2:1
450
8I,46
LA6018N1413
6 - 18
11
17
4.0
13
± 1.8
20
2:1
180
2I,2MH
LA6018N2113
6 - 18
18
24
3.5
13
± 1.5
20
2:1
180
4I,3MH
LA6018N2815
6 - 18
25
32
3.0
15
± 1.5
20
2:1
280
4I,4MH
LA6018N3515
6 - 18
31
39
3.5
15
± 2.0
25
2:1
350
6I,6MH
LA6018N4215
6 - 18
38
46
3.5
15
± 2.0
25
2:1
380
8I,46
LA6018N4915
6 - 18
45
53
4.0
10
± 2.2
25
2:1
450
8I,46
LA8012N1409
8 - 12
11
17
3.5
9
± 1.4
20
2:1
150
2I,2MH
LA8012N2109A
8 - 12
18
24
3.0
9
± 1.4
20
2:1
150
4I,3MH
LA8012N2810A
8 - 12
25
31
3.0
10
± 1.4
20
2:1
250
4I,4MH
LA8012N3510A
8 - 12
32
38
3.5
10
± 1.4
20
2:1
300
6I,6MH
LA8012N4210A
8 - 12
39
46
3.5
10
± 1.8
25
2:1
350
8I,46
LA8012N2109B
8 - 12
18
24
2.5
9
± 1.4
20
2:1
150
4I,3MH
LA8012N2810B
8 - 12
25
31
2.5
10
± 1.4
20
2:1
250
4I,4MH
LA8012N3510B
8 - 12
32
38
2.5
10
± 1.4
20
2:1
300
6I,6MH
LA8012N4210B
8 - 12
39
46
2.5
10
± 1.8
25
2:1
350
8I,46


Numéro de pièce similaire - LA2080N2109

FabricantNo de pièceFiches techniqueDescription
logo
American Accurate Compo...
LA2080N2120 AAC-LA2080N2120 Datasheet
85Kb / 1P
   Broadband Low Noise Medium Power Amplifiers
More results

Description similaire - LA2080N2109

FabricantNo de pièceFiches techniqueDescription
logo
American Accurate Compo...
CA0510N1610 AAC-CA0510N1610 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
logo
United Monolithic Semic...
CHA3218-99F UMS-CHA3218-99F_15 Datasheet
421Kb / 10P
   2-18GHz Low Noise Amplifier
logo
American Accurate Compo...
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com