Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ537 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce 2SJ537
Description  Chopper Regulator, DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ537 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  2SJ537 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ537
2004-09-01
4
Ambient temperature Ta (°C)
Vth − Ta
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
Capacitance – VDS
RDS (ON) − Ta
Ambient temperature Ta (°C)
IDR − VDS
Drain-source voltage VDS (V)
PD − Ta
Dynamic input / output
characteristics
0
−80
0
40
80
120
160
−40
−2.0
−0.4
−1.2
−0.8
−1.6
0
1.0
0.2
0.6
0.4
−40
−80
160
0
40
120
80
1.6
0.4
1.2
0
0
80
40
160
120
0.8
VGS = 10 V
VGS = 4 V
ID = 2.5A
1.3
−1.3
5
−2.5
10
−0.1
−100
100
−1
−10
10000
0.4
0
0.8
1.2
1.6
−0.1
−1
−100
−10
VGS = 0 V
−1
−10
−5
−3
1000
Common source
Pulse Test
Drain-source voltage VDS (V)
Common source
VDS = −10 V
ID = −1mA
Pulse Test
Common source
Ta
= 25°C
Pulse Test
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
0.8
−80
0
−60
−40
−20
0
20
30
10
−10
−5
−20
0
−15
VDD = −40V
−20V
−10V
VDS
VGS
Common source
ID = −5 A
Ta
= 25°C
Pulse Test


Numéro de pièce similaire - 2SJ537

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SJ537 TOSHIBA-2SJ537 Datasheet
266Kb / 6P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ537 TOSHIBA-2SJ537 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ537 TOSHIBA-2SJ537_06 Datasheet
266Kb / 6P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
More results

Description similaire - 2SJ537

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2883 TOSHIBA-2SK2883_09 Datasheet
455Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_09 Datasheet
445Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2749 TOSHIBA-2SK2749_09 Datasheet
417Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2837 TOSHIBA-2SK2837_09 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ407 TOSHIBA-2SJ407_09 Datasheet
420Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2267 TOSHIBA-2SK2267_09 Datasheet
435Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ360 TOSHIBA-2SJ360_09 Datasheet
211Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2376 TOSHIBA-2SK2376_09 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2381 TOSHIBA-2SK2381_09 Datasheet
403Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2401 TOSHIBA-2SK2401_09 Datasheet
442Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2989 TOSHIBA-2SK2989_09 Datasheet
243Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com