Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD-1656 Fiches technique(PDF) 1 Page - Volgen Kaga Electronics Inc.

No de pièce STD-1656
Description  ADAPTER - 90W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VOLGEN [Volgen Kaga Electronics Inc.]
Site Internet  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-1656 Fiches technique(HTML) 1 Page - Volgen Kaga Electronics Inc.

  STD-1656 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-1656 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Kaga Electronics(USA) Inc.
FEATURE
IEC 320/C6
Input range
90-264V/47~63Hz
Output
12V~24V/3.75A~7A(90W max.)
Efficiency
80% typical
Protection
Short Circuit, Over Voltage and Over Current Protection
Load regulation
±5%
Leakage current
Less than 3.5mA
M.T.B.F.
50,000 hours min. at 25°C, full load
Cable Type
UL1185/ 14AWG or 16AWG
Dimension
138X61X36
Weight
415g
LCD Monitor,Notebook,Printer,Portable device
Safety
UL/cUL/GS/CB/PSE/BSMI
EMI
CE Class B; Conduction & Radiation MEET
Operating temperature 0~+40°C
Storage Temperature -20~+60°C
Relative Humidity
(operating)20~80%RH (storage)10~90%RH
ADAPTER - 90W
APPLICATION
SAFETY & EMI
Desktop
ENVIRONMENTAL


Numéro de pièce similaire - STD-1656

FabricantNo de pièceFiches techniqueDescription
logo
Volgen Kaga Electronics...
STD-16010T VOLGEN-STD-16010T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-16012T VOLGEN-STD-16012T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-1638 VOLGEN-STD-1638 Datasheet
103Kb / 2P
   ADAPTER - 36W / 48W/ 60W
STD-1640P VOLGEN-STD-1640P Datasheet
125Kb / 2P
   ADAPTER - 65W
More results

Description similaire - STD-1656

FabricantNo de pièceFiches techniqueDescription
logo
FSP TECHNOLOGY INC.
FSP090-ABBU3 FSP-FSP090-ABBU3 Datasheet
526Kb / 3P
   90W 19V Adapter
2021.04
logo
MicroPower Direct, LLC
LDC-80 MPD-LDC-80 Datasheet
1Mb / 4P
   90W Output Power
logo
Ningbo Leison Motor Co....
LS-5IK90-5GU NINGBO-LS-5IK90-5GU Datasheet
959Kb / 1P
   Induction Motor 90W
LS-Z5D90-5GU NINGBO-LS-Z5D90-5GU Datasheet
778Kb / 1P
   DC Motor 90W
logo
Mospec Semiconductor
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
2N6315 MOSPEC-2N6315 Datasheet
165Kb / 4P
   POWER TRANSISTORS(7.0A,90W)
logo
PULS GmbH
ML100.102 PULS-ML100.102 Datasheet
232Kb / 2P
   DC 12-15V / 90W
logo
RF Micro Devices
RFG1M09090 RFMD-RFG1M09090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
logo
Ningbo Leison Motor Co....
LS-5RK90-5GU NINGBO-LS-5RK90-5GU Datasheet
874Kb / 1P
   AC Reversible Motor 90W
logo
RF Micro Devices
RFG1M20090 RFMD-RFG1M20090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com