Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB8427 Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CDB8427
Description  96 kHz Digital Audio Interface Transceiver
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8427 Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CDB8427 Datasheet HTML 6Page - Cirrus Logic CDB8427 Datasheet HTML 7Page - Cirrus Logic CDB8427 Datasheet HTML 8Page - Cirrus Logic CDB8427 Datasheet HTML 9Page - Cirrus Logic CDB8427 Datasheet HTML 10Page - Cirrus Logic CDB8427 Datasheet HTML 11Page - Cirrus Logic CDB8427 Datasheet HTML 12Page - Cirrus Logic CDB8427 Datasheet HTML 13Page - Cirrus Logic CDB8427 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
CS8427
10
DS477F4
SWITCHING CHARACTERISTICS - CONTROL PORT - I²C MODE
Note 17, Inputs: Logic 0 = 0 V, Logic 1 = VL+; CL = 20 pF.
Notes: 17. I²C protocol is supported only in VL+ = 5.0 V mode.
18. Data must be held for sufficient time to bridge the 25 ns transition time of SCL.
Parameter
Symbol
Min
Typ
Max
Units
SCL Clock Frequency
fscl
-
-
100
kHz
Bus Free Time Between Transmissions
tbuf
4.7
-
-
μs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
-
μs
Clock Low Time
tlow
4.7
-
-
μs
Clock High Time
thigh
4.0
-
-
μs
Setup Time for Repeated Start Condition
tsust
4.7
-
-
μs
SDA Hold Time from SCL Falling
(Note 18)
thdd
0-
-
μs
SDA Setup Time to SCL Rising
tsud
250
-
-
ns
Rise Time of Both SDA and SCL Lines
tr
-
-
25
ns
Fall Time of Both SDA and SCL Lines
tf
-
-
25
ns
Setup Time for Stop Condition
tsusp
4.7
-
-
μs
t buf
t
hdst
t
hdst
t
low
t r
t f
t
hdd
t
high
t sud
t sust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
Figure 4. I²C Mode timing


Numéro de pièce similaire - CDB8427

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB8427 CIRRUS-CDB8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CDB8427 CIRRUS-CDB8427 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
More results

Description similaire - CDB8427

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
   96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com