Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMM-168FLFB2-2B214 Fiches technique(PDF) 6 Page - DDK Ltd.

No de pièce DMM-168FLFB2-2B214
Description  DIMM Socket For Memory Expansion
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DDK [DDK Ltd.]
Site Internet  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMM-168FLFB2-2B214 Fiches technique(HTML) 6 Page - DDK Ltd.

Back Button DMM-168FLFB2-2B214 Datasheet HTML 2Page - DDK Ltd. DMM-168FLFB2-2B214 Datasheet HTML 3Page - DDK Ltd. DMM-168FLFB2-2B214 Datasheet HTML 4Page - DDK Ltd. DMM-168FLFB2-2B214 Datasheet HTML 5Page - DDK Ltd. DMM-168FLFB2-2B214 Datasheet HTML 6Page - DDK Ltd. DMM-168FLFB2-2B214 Datasheet HTML 7Page - DDK Ltd. DMM-168FLFB2-2B214 Datasheet HTML 8Page - DDK Ltd. DMM-168FLFB2-2B214 Datasheet HTML 9Page - DDK Ltd. DMM-168FLFB2-2B214 Datasheet HTML 10Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
 
DMM Series (168 Contacts)
Unit : mm
■ Standard DRAM Operation Voltage 3.3V
Housing/Lock color
1 : Ivory/Ivory
2 : Black/Black
3 : Black/Ivory
DMM-168FLEA3-3A13N
Board lock and hole size
N : without Board lock
3 : with 3 Board locks, φ2.50 holes
4 : with 4 Board locks, φ2.50 holes
7 : with 3 Board locks, φ2.03 holes
Contact plating
1 : Mating area・・・0.3μm Gold over Nickel
Tail area・・・Tin-Lead
3 : (Standard)
Mating area・・・Gold flash over Nickel
Tail area・・・Tin-Lead
6 : Mating area・・・0.76μm Gold over Nickel
Tail area・・・Tin-Lead
Lock pin
11.40 MAX.
B
L 1
C
11.43
0.25
(0.82)
φ2.50
11.43
1.60×3
Contact No.1
6.35
29×1.27=36.83
43.18
6.35
43×1.27=54.61
A
A
Contact No.168
1
DRAM
3.3V
84
17.78
43.18
60.96
128.35
29×1.27=36.83
43×1.27=54.61
60.96
141.00
Lock pin
φ2.50
Lock pin
φ2.50
147.00
1.27
1.27
Contact No.1
Contact No.1
SEC.A-A
DETAIL B-1
DETAIL B-2
DMM-168FL □□□ - □ A □□□
DMM-168FL □□□ - □ B □□□
1.60
6
DMM(168)


Numéro de pièce similaire - DMM-168FLFB2-2B214

FabricantNo de pièceFiches techniqueDescription
logo
DDK Ltd.
DMM-100G-432FNK31 DDK-DMM-100G-432FNK31 Datasheet
224Kb / 3P
   DIMM Socket for Memory Expansion
logo
Merrimac Industries, In...
DMM-12-500 MERRIMAC-DMM-12-500 Datasheet
1Mb / 1P
   DOUBLE BALANCED MIXERS
More results

Description similaire - DMM-168FLFB2-2B214

FabricantNo de pièceFiches techniqueDescription
logo
DDK Ltd.
DMM-100G-432FNK31 DDK-DMM-100G-432FNK31 Datasheet
224Kb / 3P
   DIMM Socket for Memory Expansion
DMM3-RS144A2B-13 DDK-DMM3-RS144A2B-13 Datasheet
361Kb / 4P
   SO-DIMM Socket for Memory Expansion
logo
Adam Technologies, Inc.
DIMM168V1 ADAM-TECH-DIMM168V1 Datasheet
121Kb / 1P
   DIMM SOCKET S.O. DIMM SOCKET DDR SOCKET
logo
Axiomtek Co., Ltd.
SBC86620 AXIOMTEK-SBC86620_16 Datasheet
264Kb / 1P
   1 PCI slot and MiniPCI socket for expansion
logo
Adam Technologies, Inc.
SOD-200-S-5-52-R-G-1 ADAM-TECH-SOD-200-S-5-52-R-G-1 Datasheet
137Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-52-2 ADAM-TECH-SOD-204-S-4-52-2 Datasheet
75Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-80-R-1 ADAM-TECH-SOD-204-S-4-80-R-1 Datasheet
140Kb / 1P
   SO DIMM SOCKET
SOD-200-S-3-80-2 ADAM-TECH-SOD-200-S-3-80-2 Datasheet
84Kb / 1P
   SO DIMM SOCKET
logo
Hirose Electric
MCR89-130D-1.27DSA HIROSE-MCR89-130D-1.27DSA Datasheet
135Kb / 4P
   Socket for Memory Module Board
logo
Adam Technologies, Inc.
SOD-204-S-4-40-R-1 ADAM-TECH-SOD-204-S-4-40-R-1 Datasheet
109Kb / 1P
   SO DIMM SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com