Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC2111 Fiches technique(PDF) 4 Page - Transcom, Inc.

No de pièce TC2111
Description  Plastic Packaged Low Noise PHEMT GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCOM [Transcom, Inc.]
Site Internet  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2111 Fiches technique(HTML) 4 Page - Transcom, Inc.

  TC2111 Datasheet HTML 1Page - Transcom, Inc. TC2111 Datasheet HTML 2Page - Transcom, Inc. TC2111 Datasheet HTML 3Page - Transcom, Inc. TC2111 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TC2111
REV4_20070504
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 4 / 4
OUTLINE DIMENSIONS (in mm)
1. Gate
2. Source
3. Drain
4. Source
0.051(MIN)
0.127(MAX)
TYP.
10 (2 PLCS)
10 (2 PLCS)
TYP.
0
2.92
0
+- 0.1
0.360(MIN)
0.520(MAX)
(3 PLCS)
2
1
0.950
TYP.
TYP.
0.950
3
4
0.760(MIN)
0.920(MAX)
10 (2 PLCS)
TYP.
0
0.1 TYP.
10 (2 PLCS)
0.31
0.1
TYP.
0 + 3
+-
00
0
3D
Tape & Reel Package Orientation (mm)
Standard Reel Size
7”
Standard Reel Quantity
3000
0.3
0.05
1.0
0.03
1.5
(MIN)


Numéro de pièce similaire - TC2111

FabricantNo de pièceFiches techniqueDescription
logo
Productwell Precision E...
TC2111D-290M PRODUCTWELL-TC2111D-290M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2111D-350M PRODUCTWELL-TC2111D-350M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2111D-471M PRODUCTWELL-TC2111D-471M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Description similaire - TC2111

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com