Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1950 Fiches technique(PDF) 3 Page - Transcom, Inc.

No de pièce TC1950
Description  14 - 18 GHz LNA MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCOM [Transcom, Inc.]
Site Internet  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1950 Fiches technique(HTML) 3 Page - Transcom, Inc.

  TC1950 Datasheet HTML 1Page - Transcom, Inc. TC1950 Datasheet HTML 2Page - Transcom, Inc. TC1950 Datasheet HTML 3Page - Transcom, Inc. TC1950 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TC1950
PRE.1_06/21/2006
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 3 / 4
MECHANICAL OUTLINE
Units: micrometer (inch)
Thickness: 76.2 (0.003)
Chip Size:
± 50.8 (0.002)


Numéro de pièce similaire - TC1950

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TC1952 TRANSCOM-TC1952 Datasheet
139Kb / 4P
   14 - 18 GHz 26dBm Driver MMIC
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
   13.75 - 14.75 GHz 1W MMIC
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
   14 – 18 GHz 2W PA MMIC
More results

Description similaire - TC1950

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TC1952 TRANSCOM-TC1952 Datasheet
139Kb / 4P
   14 - 18 GHz 26dBm Driver MMIC
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
   14 – 18 GHz 2W PA MMIC
logo
TriQuint Semiconductor
TGA2512-SM TRIQUINT-TGA2512-SM Datasheet
315Kb / 18P
   4 - 14 GHz balanced LNA
TGA2512-SM TRIQUINT-TGA2512-SM_15 Datasheet
807Kb / 19P
   4 14 GHz Balanced LNA
TGA2618-SM TRIQUINT-TGA2618-SM_15 Datasheet
636Kb / 11P
   16 to 18 GHz GaAs LNA
TGA2618 TRIQUINT-TGA2618_15 Datasheet
348Kb / 11P
   16 to 18 GHz GaAs LNA
logo
Microchip Technology
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
   DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
logo
Fujitsu Component Limit...
FMM5701LG FUJITSU-FMM5701LG Datasheet
79Kb / 6P
   LNA MMIC
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226_17 Datasheet
1Mb / 22P
   MMIC LNA
June 2017
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8_04 Datasheet
239Kb / 6P
   GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com